전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0872 데이터시트(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-0872
상세설명  Digital Interface IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0872 데이터시트(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0872 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Digital Interface Configuration
Configuration Registers
The Digital Interface IC contains four 6-bit configuration
registers that control its behavior. The two LSBs of any
byte clocked into the serial configuration port (CDAT,
CCLK, CLAT) are used as address bits to determine which
register the data will be loaded into. Registers 0 and 1
(with address bits 00 and 01) specify the conversion and
offset calibration modes of channels 1 and 2, register 2
(address bits 10) specifies the behavior of the adjustable
threshold circuit, and register 3 (address bits 11) specifies
which pre-trigger mode to use for channel 1. These
registers are illustrated in Table 1 below, with default
values indicated in bold italic type. Note that there are
several reserved bits, which should always be set low and
that the configuration registers should not be changed
during a conversion cycle.
Table 1. Register Configuration.
Table 2. Conversion Mode Configuration.
Notes: Bold italic type indicates Default values.
Conversion
Mode
Configuration Data Bits
Bit 7
Bit 6
Bit 5
Bit 4
1
Low
High
Low
High
2
Low
Low
High
High
3
High
High
High
Low
4
High
High
Low
Low
5
High
Low
High
Low
Conversion Mode
The conversion mode determines the speed/resolution
trade-off for the Isolated A/D converter. The four MSBs
of registers 0 and 1 determine the conversion mode for
the appropriate channel. The bit settings for choosing a
particular conversion mode are shown in Table 2 below.
Combinations of data bits not specified in Table 2 below
are not recommended.
Notes: Bold italic type indicates Default values. Reserved bits should be set low.
Configuration Data Bits
Address Bit
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
Channel 1 Conversion Mode
Channel 1
Offset Cal
Reserved
High
High
Low
Low
Low
Low
Low
Low
1
Channel 2 Conversion Mode
Channel 2
Offset Cal
Reserved
High
High
Low
Low
Low
Low
Low
High
2
Threshold Detection
Time
Threshold Level
High
Low
Low
Low
Low
Low
High
Low
3
Pre-Trigger Mode
Reserved
Low
Low
Low
Low
Low
Low
High
High


유사한 부품 번호 - HCPL-0872

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0872 AVAGO-HCPL-0872 Datasheet
212Kb / 12P
   Digital Interface IC
More results

유사한 설명 - HCPL-0872

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0872 AVAGO-HCPL-0872 Datasheet
212Kb / 12P
   Digital Interface IC
logo
NXP Semiconductors
SAA8117HL PHILIPS-SAA8117HL Datasheet
231Kb / 60P
   Digital camera USB interface IC
1999 Apr 02
logo
Sharp Corporation
IR3Y38M SHARP-IR3Y38M Datasheet
152Kb / 21P
   CCD Signal Process & Digital Interface IC
logo
Agamem Microelectronic ...
AA88048 AGAMEM-AA88048 Datasheet
50Kb / 1P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
logo
ADTech
ADT5116TA ADTECH-ADT5116TA Datasheet
84Kb / 2P
   transmitter IC for digital audio interface
logo
Sanyo Semicon Device
LC89058W SANYO-LC89058W Datasheet
289Kb / 64P
   CMOS IC Digital Audio Interface Receiver
logo
Sharp Corporation
IR3Y48A1 SHARP-IR3Y48A1 Datasheet
195Kb / 34P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
IR3Y48M SHARP-IR3Y48M Datasheet
176Kb / 31P
   CCD Signal Process & Digital Interface IC
logo
Toshiba Semiconductor
TC9245F TOSHIBA-TC9245F Datasheet
441Kb / 12P
   RECEIVING DEMODULATION IC FOR DIGITAL AUDIO INTERFACE
logo
Sanyo Semicon Device
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com