전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2085 데이터시트(PDF) 6 Page - Hitachi Semiconductor

부품명 2SK2085
상세설명  Silicon N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2085 데이터시트(HTML) 6 Page - Hitachi Semiconductor

  2SK2085 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2085 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2085 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2085 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2085 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2085 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2085 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2085 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2085 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SK2085
6
Reverse Drain Current
I
(A)
DR
Body to Drain Diode Reverse
Recovery Time
200
100
20
10
50
0.02
0.05
0.1
0.2
0.5
1
2
di / dt = 50 A /
µs
V
= 0, Ta = 25
°C
GS
0
Drain to Source Voltage V
(V)
DS
Typical Capacitance vs.
Drain to Source Voltage
10
20
30
40
50
1000
100
10
1
Ciss
Coss
Crss
V
= 0
f = 1 MHz
GS
200
160
120
80
40
0
Gate Charge
Qg (nc)
20
16
12
8
4
0
Dynamic Input Characteristics
28
6
8
10
V
= 25 V
50 V
80 V
DD
V
= 25 V
50 V
80 V
DD
VGS
DS
V
I
= 1 A
D
Drain Current
I
(A)
D
Switching Characteristics
200
100
50
20
10
5
2
0.02
0.05
0.1
0.2
0.5
1
2
t f
r
t
d(on)
t
d(off)
t
V
= 10 V
V
= 30 V
PW = 2 µs
duty < 1 %
GS
DD


유사한 부품 번호 - 2SK2085

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK2085 RENESAS-2SK2085 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET
Sep.07,2005
More results

유사한 설명 - 2SK2085

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com