전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2329 데이터시트(PDF) 5 Page - Hitachi Semiconductor

부품명 2SK2329
상세설명  Silicon N-Channel MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2329 데이터시트(HTML) 5 Page - Hitachi Semiconductor

  2SK2329 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2329 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SK2329(L), 2SK2329(S)
5
1.0
0.8
0.6
0.4
0.2
0
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
24
6
8
10
Pulse Test
I
= 10 A
D
2 A
5 A
Drain Current
I
(A)
D
Static Drain to Source on State Resistance
vs. Drain Current
0.1 0.2
0.5
1
2
5
10 20
50 100
V
= 2.5 V
GS
4 V
Pulse Test
1
0.2
0.5
0.1
0.02
0.05
0.01
0.10
0.08
0.06
0.04
0.02
–40
0
40
80
120
160
Case Temperature
Tc
(°C)
0
Pulse Test
Static Drain to Source on State Resistance
vs. Temperature
I
= 2 A, 5 A, 10 A
D
V
= 4 V
GS
2.5 V
2 A, 5 A, 10 A
0.1
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
0.3
1
3
10
30
100
50
20
10
2
5
1
0.5
25 °C
Tc = –25 °C
75 °C
DS
V
= 10 V
Pulse Test


유사한 부품 번호 - 2SK2329

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK2329 RENESAS-2SK2329 Datasheet
88Kb / 8P
   Silicon N Channel MOS FET
2SK2329-E RENESAS-2SK2329-E Datasheet
79Kb / 7P
   Silicon N Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK2329L VBSEMI-2SK2329L Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2329L ISC-2SK2329L Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Kexin Industr...
2SK2329S KEXIN-2SK2329S Datasheet
44Kb / 1P
   Silicon N-Channel MOSFET
More results

유사한 설명 - 2SK2329

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com