전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2728 데이터시트(PDF) 7 Page - Hitachi Semiconductor

부품명 2SK2728
상세설명  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2728 데이터시트(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SK2728 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2728 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2728 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2728 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2728 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2728 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2728 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2728 Datasheet HTML 9Page - Hitachi Semiconductor 2SK2728 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SK2728
7
25
20
15
10
5
25
50
75
100
125
150
0
3
1
0.3
0.1
0.03
0.01
10
µ
100
µ
1 m
10 m
100 m
1
10
DM
P
PW
T
D =
PW
T
ch – c(t) = s (t) •
ch – c
ch – c = 0.83
°C/W, Tc = 25 °C
θ
γ
θ
θ
Tc = 25
°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
0
0.4
0.8
1.2
1.6
2.0
25
20
15
10
5
Source to Drain Voltage
V
(V)
SD
Reverse Drain Current vs.
Source to Drain Voltage
Channel Temperature Tch (
°C)
Maximun Avalanche Energy vs.
Channel Temperature Derating
Pulse Width
PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
I
= 18 A
V
= 50 V
duty < 0.1 %
Rg > 50
AP
DD
V
= 0 V
GS
5, 10 V
Pulse Test


유사한 부품 번호 - 2SK2728

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK2728 ISC-2SK2728 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2728 RENESAS-2SK2728 Datasheet
216Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
Sep 07, 2005
2SK2728-E RENESAS-2SK2728-E Datasheet
216Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
Sep 07, 2005
More results

유사한 설명 - 2SK2728

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com