전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2729 데이터시트(PDF) 4 Page - Hitachi Semiconductor

부품명 2SK2729
상세설명  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2729 데이터시트(HTML) 4 Page - Hitachi Semiconductor

  2SK2729 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2729 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2729 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2729 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2729 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2729 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2729 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2729 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2729 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SK2729
4
Main Characteristics
200
150
100
50
0
50
100
150
200
300
100
30
10
3
1
50
40
30
20
10
0
10
20
30
40
50
50
40
30
20
10
0
24
68
10
0.3
0.1
1000
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
10
µs
100
µs
1 ms
PW
=
10
ms
(1shot)
DC
Operation
(Tc
=
25
°C)
Ta = 25
°C
Operation in
this area is
limited by R DS(on)
V
= 4 V
GS
6 V
5.5 V
4.5 V
5 V
10 V
8 V
6.5 V
Pulse Test
Tc = 75
°C
25
°C
–25
°C
V
= 10 V
Pulse Test
DS
1
3
10
30
100
300
1000


유사한 부품 번호 - 2SK2729

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK2729 ISC-2SK2729 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2729 RENESAS-2SK2729 Datasheet
217Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
Sep 07, 2005
2SK2729-E RENESAS-2SK2729-E Datasheet
217Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
Sep 07, 2005
More results

유사한 설명 - 2SK2729

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com