전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GMA21Y75 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 GMA21Y75
상세설명  2.1??5x7 Dot Matrix
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

GMA21Y75 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

  GMA21Y75 Datasheet HTML 1Page - List of Unclassifed Manufacturers GMA21Y75 Datasheet HTML 2Page - List of Unclassifed Manufacturers GMA21Y75 Datasheet HTML 3Page - List of Unclassifed Manufacturers GMA21Y75 Datasheet HTML 4Page - List of Unclassifed Manufacturers GMA21Y75 Datasheet HTML 5Page - List of Unclassifed Manufacturers GMA21Y75 Datasheet HTML 6Page - List of Unclassifed Manufacturers GMA21Y75 Datasheet HTML 7Page - List of Unclassifed Manufacturers GMA21Y75 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
GMZ21XX75_series
2.1” 5x7 Dot Matrix
Product: GMZ21XX75 Series
Date: 07/13/2011
Page 7 of 8
Version# 1.1
Ordering Information:
Product
Spec Range
Quantity per tube
CC
CA
GMC21IB75
GMA21IB75
Iv=160mcd typ. @ IF=20mA
TBD
GMC21IG75
GMA21IG75
Iv=200mcd typ. @ IF=20mA
TBD
GMC21R75
GMA21R75
Iv=60mcd typ. @ IF=20mA
TBD
GMC21Y75
GMA21Y75
Iv=35mcd typ. @ IF=20mA
TBD
GMC21AG75 GMA21AG75 Iv=25mcd typ. @ IF=20mA
TBD


유사한 부품 번호 - GMA21Y75

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GMA21Y75 ETC1-GMA21Y75 Datasheet
389Kb / 8P
   2.1inch 5x7 Dot Matrix
More results

유사한 설명 - GMA21Y75

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GMC12IB75 ETC2-GMC12IB75 Datasheet
285Kb / 7P
    5x7 Dot Matrix
GMC07IB75 ETC2-GMC07IB75 Datasheet
283Kb / 7P
    5x7 Dot Matrix
GMC07IB75 ETC1-GMC07IB75 Datasheet
283Kb / 7P
   0.7inch 5x7 Dot Matrix
GMC12IB75 ETC1-GMC12IB75 Datasheet
285Kb / 7P
   1.2inch 5x7 Dot Matrix
GMC21IB75 ETC1-GMC21IB75 Datasheet
389Kb / 8P
   2.1inch 5x7 Dot Matrix
logo
Marktech Corporate
MTAN2135-AG MARKTECH-MTAN2135-AG Datasheet
44Kb / 1P
   Marktech 0.30 5x7 Dot Matrix
MTAN2170-12A MARKTECH-MTAN2170-12A Datasheet
52Kb / 1P
   0.68 5x7 Dot Matrix Display
logo
OSRAM GmbH
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
   5x7 Dot Matrix Intelligent Display
logo
QT Optoelectronics
GMA8475C QT-GMA8475C Datasheet
601Kb / 7P
   1.2 5X7 DOT MATRIX DISPLAYS
GMA7175C QT-GMA7175C Datasheet
519Kb / 5P
   0.7 5X7 DOT MATRIX DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com