전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT138M 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT138M
상세설명  High-Speed CMOS Logic 3- to 8-Line Decoder/Demultiplexer Inverting and Noninverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT138M 데이터시트(HTML) 4 Page - Texas Instruments

  CD74HCT138M Datasheet HTML 1Page - Texas Instruments CD74HCT138M Datasheet HTML 2Page - Texas Instruments CD74HCT138M Datasheet HTML 3Page - Texas Instruments CD74HCT138M Datasheet HTML 4Page - Texas Instruments CD74HCT138M Datasheet HTML 5Page - Texas Instruments CD74HCT138M Datasheet HTML 6Page - Texas Instruments CD74HCT138M Datasheet HTML 7Page - Texas Instruments CD74HCT138M Datasheet HTML 8Page - Texas Instruments CD74HCT138M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC and
GND
0
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems, theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
A0-A2
1.5
E1, E2
1.25
E3
1
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.,
360
µA max at 25oC.
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPLH, tPHL CL = 50pF
2
-
-
150
-
190
-
225
ns
Address to Output
4.5
-
-
30
-
38
-
45
ns
CL = 15pF
5
-
13
-
-
-
-
-
ns
CL = 50pF
6
-
-
26
-
33
-
38
ns
CD54/74HC138, CD54/74HCT138, CD54/74HC238, CD54/74HCT238


유사한 부품 번호 - CD74HCT138M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT138M TI-CD74HCT138M Datasheet
43Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 3-to-8 Line Decoder/ Demultiplexer Inverting and Non-Inverting
CD74HCT138M TI-CD74HCT138M Datasheet
352Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HCT138M TI-CD74HCT138M Datasheet
407Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HCT138M TI-CD74HCT138M Datasheet
360Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HCT138M96 TI-CD74HCT138M96 Datasheet
352Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
More results

유사한 설명 - CD74HCT138M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC138 TI-CD54HC138_08 Datasheet
360Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138 TI-CD54HC138 Datasheet
352Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138 TI-CD54HC138_07 Datasheet
407Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HC138-Q1 TI1-CD74HC138-Q1 Datasheet
203Kb / 9P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 3- TO 8-LINE INVERTING DECODER/DEMULTIPLEXER
CD74HC138 TI-CD74HC138 Datasheet
43Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 3-to-8 Line Decoder/ Demultiplexer Inverting and Non-Inverting
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com