전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2938L 데이터시트(PDF) 3 Page - Hitachi Semiconductor

부품명 2SK2938L
상세설명  Silicon N Channel MOS FET, High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2938L 데이터시트(HTML) 3 Page - Hitachi Semiconductor

  2SK2938L Datasheet HTML 1Page - Hitachi Semiconductor 2SK2938L Datasheet HTML 2Page - Hitachi Semiconductor 2SK2938L Datasheet HTML 3Page - Hitachi Semiconductor 2SK2938L Datasheet HTML 4Page - Hitachi Semiconductor 2SK2938L Datasheet HTML 5Page - Hitachi Semiconductor 2SK2938L Datasheet HTML 6Page - Hitachi Semiconductor 2SK2938L Datasheet HTML 7Page - Hitachi Semiconductor 2SK2938L Datasheet HTML 8Page - Hitachi Semiconductor 2SK2938L Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SK2938(L),2SK2938(S)
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage V
(BR)DSS
60
——V
I
D = 10mA, VGS = 0
Gate to source breakdown voltage V
(BR)GSS
±20
——V
I
G = ±100µA, VDS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±16V, VDS = 0
Zero gate voltege drain current
I
DSS
——10
µAV
DS = 60 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
1.5
2.5
V
I
D = 1mA, VDS = 10V
Static drain to source on state
R
DS(on)
0.026
0.034
I
D = 15A, VGS = 10V
Note4
resistance
R
DS(on)
0.045
0.07
I
D = 15A, VGS = 4V
Note4
Forward transfer admittance
|y
fs|
1117—
S
I
D = 15A, VDS = 10V
Note4
Input capacitance
Ciss
740
pF
V
DS = 10V
Output capacitance
Coss
380
pF
V
GS = 0
Reverse transfer capacitance
Crss
140
pF
f = 1MHz
Turn-on delay time
t
d(on)
10
ns
I
D = 15A, VGS = 10V
Rise time
t
r
160
ns
R
L = 2Ω
Turn-off delay time
t
d(off)
100
ns
Fall time
t
f
150
ns
Body–drain diode forward voltage
V
DF
0.95
V
I
F = 25A, VGS = 0
Body–drain diode reverse
recovery time
t
rr
40
ns
I
F = 25A, VGS = 0
diF/ dt =50A/
µs
Note:
4. Pulse test


유사한 부품 번호 - 2SK2938L

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK2938L ISC-2SK2938L Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2938L-E RENESAS-2SK2938L-E Datasheet
95Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

유사한 설명 - 2SK2938L

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com