전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFSFN160250-50 데이터시트(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

부품명 LFSFN160250-50
상세설명  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNERGY [SYNERGY MICROWAVE CORPORATION]
홈페이지  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

LFSFN160250-50 데이터시트(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  LFSFN160250-50 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION LFSFN160250-50 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION LFSFN160250-50 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION LFSFN160250-50 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION LFSFN160250-50 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION LFSFN160250-50 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION LFSFN160250-50 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
SURFACE MOUNT MODEL: LFSFN160250-50
1600 - 2500 MHz
OPTIMIZED BANDWIDTH
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA
Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • Website: http://www.synergymwave.com
[ 1 of 7 ]
FEATURES:
Exceptionally Low Phase Noise
Interactive Communication
Standard Programming Interface
Ultra Wide Tuning Range
Lead Free - RoHS Compliant
Patented REL-PRO® Technology
Small Size, Surface Mount
Buffered Output
Phase Noise
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
100
1000
10000
100000
1000000
10000000 100000000
Offset Frequency (Hz)
1600 MHz
2050 MHz
2500 MHz
SPECIFICATIONS (Rev. C 01/25/13)
Frequency
1600 - 2500 MHz
Step Size
500 kHz
Reference Input Frequency
10 MHz
Reference Input Voltage
1 V p-p to 3.3 V p-p
Bias Voltage
Vcc
V (Vdc)
I (mA Max.)
Digital
+5
45
VCO
+8
35
Converter
+8
35
Output Power
+5 dBm (Min.)
Spurious Suppression
70 dB (Typ.)
Harmonic Suppression
20 dB (Typ.)
Settling Time
2 mSec (Typ.) 1
Output Impedance
50 Ohms (Nom.)
Lock Detect Indicator
CMOS 3.3 V
Typical Phase Noise
Offset
Phase Noise
@ 1 kHz
-100 dbc/Hz
@ 10 kHz
-100 dbc/Hz
@ 100 kHz
-117 dbc/Hz
Operating Temperature Range
-40 to +85 °C
Programming
See application note AN7100 for changing
factory setting to desired reference frequency.
1
From the rising edge of LE to stable lock detect
Absolute Maximum Ratings
Storage Temp. Range
-55 to +125 ºC
Bias Voltage (Digital)
+5.25 V
Bias Voltage (VCO)
+8.5 V
Bias Voltage (Converter)
+10 V
DC Voltage Applied to RF Out
±25 V
Patent : http://www.synergymwave.com/patents
Package #
197LF
Port Configuration
Pin 5 - RF out
Pin 7 - Lock Detect Out *
Pin 9 - Data In
Pin 10 - Error Flag
Pin 11 - Clock In
Pin 13 - VCO (On/Off)****
Pin 19 - Latch Enable In
Pin 21 - Ref. In
Pin 23 - Vcc (Digital)
Pin 24 - Vtune (Output)
Pin 25 - Vcc (VCO)
Pin 26 - Vout (Converter) ***
Pin 27 - Vcc (Tune) ***
Pin 28 - Vcc (Converter)
Pin 8,12,14,15,17 - NC
All Others - Ground
NC - No Connection
* High when locked (source/sink 500 uA)
*** Connect externally. Bypassed with a 10uF 35V tantalum capacitor.
**** NC if unused.


유사한 부품 번호 - LFSFN160250-50

제조업체부품명데이터시트상세설명
logo
SYNERGY MICROWAVE CORPO...
LFSFN100200-100 SYNERGY-LFSFN100200-100 Datasheet
509Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSFN150320-50 SYNERGY-LFSFN150320-50 Datasheet
513Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results

유사한 설명 - LFSFN160250-50

제조업체부품명데이터시트상세설명
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com