전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFSW120205-100 데이터시트(PDF) 4 Page - SYNERGY MICROWAVE CORPORATION

부품명 LFSW120205-100
상세설명  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNERGY [SYNERGY MICROWAVE CORPORATION]
홈페이지  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

LFSW120205-100 데이터시트(HTML) 4 Page - SYNERGY MICROWAVE CORPORATION

  LFSW120205-100 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
SURFACE MOUNT MODEL: LFSW120205-100
1200 - 2050 MHz
WIDE BANDWIDTH
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA
Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • Website: http://www.synergymwave.com
[ 4 of 7 ]
HARMONIC SUPPRESSION
Ref 13 dBm
Att 40 dB
CLRWR
A
SGL
1 AP
980 MHz/
Start 900 MHz
Stop 10.7 GHz
*
3DB
RBW 300 kHz
SWT 1.65 s
*VBW 20 kHz
-80
-70
-60
-50
-40
-30
-20
-10
0
10 1
Marker 1 [T1 ]
8.23 dBm
1.622435897 GHz
2
Delta 2 [T1 ]
-31.24 dB
3.250961538 GHz
3
Delta 3 [T1 ]
-44.70 dB
4.884294872 GHz
4
Delta 4 [T1 ]
-54.06 dB
6.501923077 GHz
1
Delta 1 [T1 ]
-13.23 dB
1.617628205 GHz
Date: 1.JUL.2008 08:16:10
REFERENCE SIDEBAND SUPPRESSION
Ref 13 dBm
Att 40 dB
1 AP
CLRWR
A
SGL
30 kHz/
Center 1.625 GHz
Span 300 kHz
*
*
3DB
RBW 500 Hz
VBW 1 kHz
SWT 1.2 s
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
Marker 1 [T1 ]
8.27 dBm
1.625000000 GHz
2
Delta 2 [T1 ]
-65.75 dB
31.730769231 kHz
3
Delta 3 [T1 ]
-65.78 dB
-29.807692308 kHz
4
Delta 4 [T1 ]
-66.23 dB
-3.846153846 kHz
1
Delta 1 [T1 ]
-64.68 dB
33.653846154 kHz
Date: 1.JUL.2008 08:15:44


유사한 부품 번호 - LFSW120205-100

제조업체부품명데이터시트상세설명
logo
SYNERGY MICROWAVE CORPO...
LFSW100230-50 SYNERGY-LFSW100230-50 Datasheet
622Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW110250-100 SYNERGY-LFSW110250-100 Datasheet
874Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW110250-50 SYNERGY-LFSW110250-50 Datasheet
738Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-50 SYNERGY-LFSW150320-50 Datasheet
636Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results

유사한 설명 - LFSW120205-100

제조업체부품명데이터시트상세설명
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com