전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP105-24 데이터시트(PDF) 1 Page - Tumbler Technologies + TRUMPower

부품명 TMP105-24
상세설명  90-105 Watts Medical & ITE Power Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRUMPOWER [Tumbler Technologies + TRUMPower]
홈페이지  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP105-24 데이터시트(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMP105-24 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP105-24 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMP105 Series
90-105 Watts Medical & ITE Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
MODELS LIST
.
o
N
t
c
u
d
o
r
P
)
1
(
t
u
p
t
u
O
e
g
a
t
l
o
V
m
u
m
i
x
a
M
t
n
e
r
r
u
C
k
a
e
P
)
2
(
t
n
e
r
r
u
C
m
u
m
i
x
a
M
r
e
w
o
P
2
1
-
5
0
1
P
M
T
V
2
1A
5
.
7A
5
1W
0
9
3
1
-
5
0
1
P
M
T
V
3
1A
3
9
.
6A
8
.
3
1W
0
9
5
1
-
5
0
1
P
M
T
V
6
1
~
4
1A
9
7
.
6A
8
5
.
3
1W
5
9
8
1
-
5
0
1
P
M
T
V
9
1
~
8
1A
4
8
.
5A
6
.
1
1W
5
0
1
0
2
-
5
0
1
P
M
T
V
1
2
~
0
2A
5
2
.
5A
5
.
0
1W
5
0
1
4
2
-
5
0
1
P
M
T
V
5
2
~
4
2A
8
3
.
4A
7
.
8W
5
0
1
8
2
-
5
0
1
P
M
T
V
9
2
~
8
2A
5
7
.
3A
5
.
4W
5
0
1
0
3
-
5
0
1
P
M
T
V
2
3
~
0
3A
5
.
3A
2
.
4W
5
0
1
6
3
-
5
0
1
P
M
T
V
8
3
~
6
3A
2
9
.
2A
5
.
3W
5
0
1
8
4
-
5
0
1
P
M
T
V
0
5
~
6
4A
9
2
.
2A
7
.
2W
5
0
1
INPUT SPECIFICATIONS
Input Voltage Range ............ 90~264 VAC
Input Frequency ................... 47~63Hz
Input Current ........................ 1.4A rms @ 115 VAC
0.7A rms @ 230 VAC
Inrush Current ..................... 80A @ 115 VAC or 120A @ 230 VAC,
at 25°C cold start
Soft Start ............................... Yes
Earth Leakage Current ........ 200µA max. @ 264 VAC, 63Hz
Touch Current ...................... 100µA max. @ 264 VAC, 63Hz
OUTPUT SPECIFICATIONS
Output Power Ratings .......... See table
Minimum Load ...................... Not required
Tolerance ............................. ±5%
Ripple and Noise* ............... 1% peak to peak max. at full load
Overvoltage Protection ........ Set at 115-140% of its nominal
output voltage
Overcurrent Protection ........ Protected to short-circuit
conditions
Temperature Coefficient ..... ±0.04%/°C max.
Transient Response ........... Max. excursion of 4% or better on
all models, recovering to 1% of
final value within 500 µs after a
25% step load change
* Measured with 20MHz bandwidth at rated line voltage and output load ranges, with
a 10µF tantalum capacitor in parallel with a 0.1µF ceramic capacitor in parallel
across the output.
GENERAL SPECIFICATIONS
Power Factor ....................... 0.98 typical @ 115 VAC
Efficiency ............................. 87% minimum at full load
Hold-up Time ....................... 10 ms at 110 VAC
Switching Frequency ........... 70~140KHz
Operating Temperature ...... 0°C to +60°C
Derating ............................... Derate from 100% at +40°C linearly
to 50% at +60°C
Storage Temperature .......... -40°C to +85°C
Relative Humidity ................ 5°C to +95°C non-condensing
Withstand Voltage ............... 5,656 VDC from input to output
(4,000 VAC for Class II models)
2,121 VDC from input to ground
707 VDC from output to ground
MTBF .................................... 150K hours minimum at full load,
25°C ambient, calculated per
MIL-HDBK-217F
STANDARDS & COMPLIANCES
IEC/EN 61000-1-2 ............. EMC & Immunity Performance
EN 55011, EN 55022 ........ Class B, conducted & radiated
FCC, VCCI ......................... Class B, conducted & radiated
EN 61000-3-2 .................... Harmonic distortion, Class A & D
EN 61000-3-3 .................... Line flicker
EN 61000-4-2 .................... ESD, ±8 KV air and ±6 KV contact
EN 61000-4-3 .................... Radiated immunity, 3V/m
EN 61000-4-4 .................... Fast transient/burst, ±2 KV
EN 61000-4-5 .................... Surge, ±1 KV diff., ±2 KV com.
EN 61000-4-6 .................... Conducted immunity, 3 Vrms
EN 61000-4-8 .................... Magnetic field immunity, 3A/m
EN 61000-4-11 .................. Voltage dip immunity,
30% reduction for 500ms,
60% reduction for 100ms,
>95% reduction for 10ms
Safety Standards ............... IEC/EN/UL 60601-1 (3rd Ed.),
ANSI/AAMI ES 60601-1 (1st Ed.),
CSA C22.2 No. 60601-1 (2nd Ed.),
IEC/EN 60950-1 (2nd Ed.)
Agency Approvals .............. UL, cUL, TUV, CE, CB
Other Compliances .......... RoHS, CEC & Energy Star Level V
FEATURES
• 90~264 VAC Input, Soft Start
• 0.98 Power Factor
• 87% to 91% Efficiency
• High Peak Power
• Low Safety Ground Leakage Current
• Class I & Class II Models Available
• Compliant with CEC & Energy Star Level V
Notes:
1) The listed P/N's are for Class I models equipped with IEC 320/C14 AC inlet.
Add suffix "C2" to order Class II models equipped with IEC 320/C18 AC inlet.
When ordering 14-50V output units, specify the requested voltage, e.g. use P/N
TMP105-18.5-C2 to order 18.5V Class II model.
2) The peak current is for 10 seconds maximum with the average power not over the
maximum power.


유사한 부품 번호 - TMP105-24

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105YZC BURR-BROWN-TMP105YZC Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105YZCR BURR-BROWN-TMP105YZCR Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105YZCRG4 BURR-BROWN-TMP105YZCRG4 Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105YZCT BURR-BROWN-TMP105YZCT Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results

유사한 설명 - TMP105-24

제조업체부품명데이터시트상세설명
logo
Tumbler Technologies + ...
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
   400 Watts Medical & ITE Power Adapters
TMP220 TRUMPOWER-TMP220 Datasheet
112Kb / 2P
   200-220 Watts Medical & ITE Power Adapters
TMP135 TRUMPOWER-TMP135 Datasheet
107Kb / 2P
   120-135 Watts Medical & ITE Power Adapters
TMP90 TRUMPOWER-TMP90 Datasheet
211Kb / 2P
   90 WATTS MEDICAL POWER ADAPTERS
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
   90 Watts Medical Grade Power Adapters
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
   30 Watts Medical Power Adapters
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
   65 Watts Medical Grade Power Adapters
TMA300 TRUMPOWER-TMA300 Datasheet
183Kb / 1P
   Medical and ITE Grade 300W AC/DC Power Adapters
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
   100 Watts Medical & ITE Switching Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
   400 Watts AC/DC Medical & ITE Power Supplies
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com