전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP135-20 데이터시트(PDF) 2 Page - Tumbler Technologies + TRUMPower

부품명 TMP135-20
상세설명  120-135 Watts Medical & ITE Power Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRUMPOWER [Tumbler Technologies + TRUMPower]
홈페이지  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP135-20 데이터시트(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMP135-20 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP135-20 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TMP135 Series
120-135 Watts Medical & ITE Power Adapters
#TMP135-2011-0425-1
MECHANICAL SPECIFICATIONS
The length of output cable for 12V to 16V
output models is 37.4 [950].
Unit: inch [mm]
Tolerance: 0.02 [0.5] maximum
R
O
T
C
E
N
N
O
C
T
U
P
T
U
O
C
D
N
I
P
N
O
I
T
C
N
U
F
1
N
R
U
T
E
R
2
V
+
3
N
R
U
T
E
R
4
V
+
L
L
E
H
S
C
N
*
/
D
N
G
C
A
s
l
e
d
o
m
I
I
s
s
a
l
c
n
o
C
N
s
i
l
l
e
h
S
*
Output connector: Kycon P/N KPPX-4P 4-pin circular DIN or equivalent.
Mating connector: Kycon P/N KPJX-4S-S or equivalent
Contact TRUMPower for output connector options.


유사한 부품 번호 - TMP135-20

제조업체부품명데이터시트상세설명
logo
Tumbler Technologies + ...
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
TMP130-05 TRUMPOWER-TMP130-05 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
TMP130-07 TRUMPOWER-TMP130-07 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
TMP130-10 TRUMPOWER-TMP130-10 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
TMP130-12 TRUMPOWER-TMP130-12 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
More results

유사한 설명 - TMP135-20

제조업체부품명데이터시트상세설명
logo
Tumbler Technologies + ...
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
   400 Watts Medical & ITE Power Adapters
TMP220 TRUMPOWER-TMP220 Datasheet
112Kb / 2P
   200-220 Watts Medical & ITE Power Adapters
TMP105 TRUMPOWER-TMP105 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP90 TRUMPOWER-TMP90 Datasheet
211Kb / 2P
   90 WATTS MEDICAL POWER ADAPTERS
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
   30 Watts Medical Power Adapters
TRA150 TRUMPOWER-TRA150 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
TMP120 TRUMPOWER-TMP120 Datasheet
178Kb / 2P
   120 WATT MEDICAL POWER ADAPTERS
TRA150-180 TRUMPOWER-TRA150-180 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
   65 Watts Medical Grade Power Adapters
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
   90 Watts Medical Grade Power Adapters
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com