전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P002-002 데이터시트(PDF) 3 Page - Tripp Lite. All Rights Reserved

부품명 P002-002
상세설명  Standard Computer Power Cord, 12A, 16AWG
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P002-002 데이터시트(HTML) 3 Page - Tripp Lite. All Rights Reserved

  P002-002 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P002-002 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P002-002 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Tripp Lite:
P002-002


유사한 부품 번호 - P002-002

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
P002-002-10A TRIPPLITE-P002-002-10A Datasheet
163Kb / 2P
   NEMA 5-15R to C14 Computer AC Power Cable - 10A, 125V, 18 AWG, 2 ft., Black
logo
List of Unclassifed Man...
P002-002-R ETC2-P002-002-R Datasheet
470Kb / 2P
   2-ft. Power Cord (IEC-320-C14 to NEMA 5-15R)
More results

유사한 설명 - P002-002

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
P006-003 TRIPPLITE-P006-003 Datasheet
488Kb / 3P
   Standard Computer Power Cord, 10A, 18AWG
P00400313A TRIPPLITE-P00400313A Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 3-ft
P006-006 TRIPPLITE-P006-006 Datasheet
479Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG
P00400513A TRIPPLITE-P00400513A Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 5-ft
P00400613A TRIPPLITE-P00400613A Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P00400413A TRIPPLITE-P00400413A Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 4-ft
P00400213A TRIPPLITE-P00400213A Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P004-006 TRIPPLITE-P004-006 Datasheet
493Kb / 3P
   Standard Computer Power Extension Cord, 10A,18AWG
P004-002-13RA TRIPPLITE-P004-002-13RA Datasheet
476Kb / 3P
   Standard Computer Power Extension Cord, 10A, 18AWG
P00600213A TRIPPLITE-P00600213A Datasheet
479Kb / 2P
   Universal Computer Power Cord, 13A, 16AWG (NEMA 5-15P to IEC-320-C13), 1-ft
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com