전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P004-002-13RA 데이터시트(PDF) 3 Page - Tripp Lite. All Rights Reserved

부품명 P004-002-13RA
상세설명  Standard Computer Power Extension Cord, 10A, 18AWG
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P004-002-13RA 데이터시트(HTML) 3 Page - Tripp Lite. All Rights Reserved

  P004-002-13RA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P004-002-13RA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P004-002-13RA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Tripp Lite:
P004-002-13RA


유사한 부품 번호 - P004-002-13RA

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
P004-002-13A TRIPPLITE-P004-002-13A Datasheet
160Kb / 2P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 13A, 100??50V, 16 AWG, 2 ft., Black
P004-002-13LA TRIPPLITE-P004-002-13LA Datasheet
161Kb / 2P
   C14 to Left-Angle C13 Computer Power Extension Cord, PDU Style - 10A, 100??50V, 18 AWG, 2 ft., Black
More results

유사한 설명 - P004-002-13RA

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
P004-006 TRIPPLITE-P004-006 Datasheet
493Kb / 3P
   Standard Computer Power Extension Cord, 10A,18AWG
P006-003 TRIPPLITE-P006-003 Datasheet
488Kb / 3P
   Standard Computer Power Cord, 10A, 18AWG
P006-006 TRIPPLITE-P006-006 Datasheet
479Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG
P004004 TRIPPLITE-P004004 Datasheet
483Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 4-ft
P004015 TRIPPLITE-P004015 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 15-ft
P004-010 TRIPPLITE-P004-010 Datasheet
493Kb / 3P
   Standard Computer Power Extension Cord, 10A 18AWG (IEC-320-C14 to IEC-320-C13) 10-ft
P004001 TRIPPLITE-P004001 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P004008 TRIPPLITE-P004008 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 8-ft
P004006 TRIPPLITE-P004006 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P004003 TRIPPLITE-P004003 Datasheet
487Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 3-ft
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com