전자부품 데이터시트 검색엔진 |
|
MC-4R96CPE6C-653 데이터시트(PDF) 9 Page - NEC |
|
MC-4R96CPE6C-653 데이터시트(HTML) 9 Page - NEC |
9 / 6 page Preliminary Data Sheet M14806EJ2V0DS00 9 MC-4R96CPE6C AC Electrical Specifications Symbol Parameter and Conditions MIN. TYP. MAX. Unit Z Module Impedance 25.2 28 30.8 Ω TPD Average clock delay from finger to finger of all RSL clock nets -845 1.40 ns (CTM, CTMN,CFM, and CFMN) -745 1.40 -653 1.40 ∆TPD Propagation delay variation of RSL signals with respect to TPD Note1,2 −21 +21 ps ∆TPD-CMOS Propagation delay variation of SCK and CMD signals with respect to an average clock delay Note1 −100 +100 ps Vα/VIN Attenuation Limit -845 14 % -745 14 -653 9 VXF/VIN Forward crosstalk coefficient -845 3 % (300ps input rise time 20% - 80%) -745 3 -653 3 VXB/VIN Backward crosstalk coefficient -845 1.8 % (300ps input rise time 20% - 80%) -745 1.8 -653 1.8 RDC DC Resistance Limit -845 0.7 Ω -745 0.7 -653 0.7 Notes 1. TPD or Average clock delay is defined as the average delay from finger to finger of all RSL clock nets (CTM, CTMN, CFM, and CFMN). 2. If the RIMM module meets the following specification, then it is compliant to the specification. If the RIMM module does not meet these specifications, then the specification can be adjusted by the “Adjusted ∆TPD Specification” table. Adjusted ∆∆∆∆TPD Specification Symbol Parameter and conditions Adjusted MIN./MAX. Absolute Unit MIN. MAX. ∆TPD Propagation delay variation of RSL signals with respect to TPD +/ − [17+(18*N*∆Z0)] Note −30 +30 ps Note N = Number of RDRAM devices installed on the RIMM module. ∆Z0 = delta Z0% = (MAX. Z0 − MIN. Z0) / (MIN. Z0) (MAX. Z0 and MIN. Z0 are obtained from the loaded (high impedance) impedance coupons of all RSL layers on the module.) • |
유사한 부품 번호 - MC-4R96CPE6C-653 |
|
유사한 설명 - MC-4R96CPE6C-653 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |