전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC4053 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 74VHC4053
상세설명  8-Channel Analog Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC4053 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button 74VHC4053 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC4053 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC4053 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC4053 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC4053 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC4053 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC4053 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC4053 Datasheet HTML 9Page - Fairchild Semiconductor 74VHC4053 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC4051, 74VHC4052, 74VHC4053 Rev. 1.3
6
Absolute Maximum Ratings(1)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Note:
1. Unless otherwise specified all voltages are referenced to ground.
2. Power Dissipation temperature derating; plastic “N” package: -12mW/°C from 65°C to 85°C.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5 to +7.5V
VEE
Supply Voltage
+0.5 to –7.5V
VIN
Control Input Voltage
–1.5 to VCC+1.5V
VIO
Switch I/O Voltage
VEE–0.5 to VCC+0.5V
IIK, IOK
Clamp Diode Current
±20mA
IOUT
Output Current, per pin
±25mA
ICC
VCC or GND Current, per pin
±50mA
TSTG
Storage Temperature Range
–65°C to +150°C
PD
Power Dissipation(2)
S.O. Package only
600mW
500mW
TL
Lead Temperature (Soldering 10 seconds)
260°C
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage
26
V
VEE
Supply Voltage
0–6
V
VIN, VOUT
DC Input or Output Voltage
0VCC
V
TA
Operating Temperature Range
–40
+85
°C
tr , tf
Input Rise or Fall Times
VCC = 2.0V
VCC = 4.5V
VCC = 6.0V
1000
500
400
ns


유사한 부품 번호 - 74VHC4053

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC4053 FAIRCHILD-74VHC4053 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Toshiba Semiconductor
74VHC4053AFT TOSHIBA-74VHC4053AFT Datasheet
327Kb / 15P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-04-26 Rev.6.0
logo
Fairchild Semiconductor
74VHC4053M FAIRCHILD-74VHC4053M Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
74VHC4053MTC FAIRCHILD-74VHC4053MTC Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
74VHC4053N FAIRCHILD-74VHC4053N Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
More results

유사한 설명 - 74VHC4053

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
   8-Channel Analog Multiplexer
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Rohm
BU4051BC ROHM-BU4051BC Datasheet
76Kb / 6P
   8-channel analog multiplexer / demultiplexer
logo
Hitachi Semiconductor
HD14051B HITACHI-HD14051B Datasheet
92Kb / 8P
   8-channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A_15 Datasheet
145Kb / 14P
   8-channel Analog Multiplexer / Demultiplexer
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_15 Datasheet
289Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
NXP Semiconductors
74HC4051D NXP-74HC4051D Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
HEF4051B NEXPERIA-HEF4051B Datasheet
293Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 13 - 29 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com