전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC4053WM 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 74VHC4053WM
상세설명  8-Channel Analog Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC4053WM 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button 74VHC4053WM Datasheet HTML 4Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 5Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 6Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 7Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 8Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 9Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 10Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 11Page - Fairchild Semiconductor 74VHC4053WM Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC4051, 74VHC4052, 74VHC4053 Rev. 1.3
8
AC Electrical Characteristics
VCC = 2.0V – 6.0V, VEE = 0V – 6V, CL = 50pF (unless otherwise specified)
Symbol
Parameter
Conditions
VEE
VCC
TA=25°C
TA= –40 to
85°C
Units
Typ.
Guaranteed
Limits
tPHL, tPLH Maximum Propagation
Delay Switch In to Out
GND
3.3V
25
35
40
ns
GND
4.5V
5
12
15
–4.5V
4.5V
4
8
12
–6.0V
6.0V
3
7
11
tPZL, tPZH Maximum Switch Turn
“ON” Delay
RL = 1kΩ
GND
3.3V
92
200
250
ns
GND
4.5V
69
87
–4.5V
4.5V
16
46
58
–6.0V
6.0V
15
41
51
tPHZ, tPLZ Maximum Switch Turn
“OFF” Delay
GND
3.3V
65
170
210
ns
GND
4.5V
28
58
73
–4.5V
4.5V
18
37
46
–6.0V
6.0V
16
32
41
fMAX
Minimum Switch
Frequency Response
20 log (VI/VO) = 3dB
GND
4.5V
30
MHz
–4.5V
4.5V
35
Control to Switch
Feedthrough Noise
RL = 600Ω,
f
= 1MHz,
CL = 50pF
VIS = 4 VPP
0V
4.5V
1080
mV
VIS = 8 VPP
–4.5V
4.5V
250
Crosstalk Between any
Two Switches
RL = 600Ω,
f
= 1 MHz
VIS = 4 VPP
0V
4.5
–52
dB
VIS = 8 VPP
–4.5V
4.5V
–50
Switch OFF Signal
Feedthrough Isolation
RL = 600Ω,
f
= 1 MHz,
VCTL = VIL
VIS = 4 VPP
0V
4.5V
–42
dB
VIS = 8 VPP
–4.5V
4.5V
–44
THD
Sinewave Harmonic
Distortion
RL = 10kΩ,
CL = 50pF,
f
= 1kHz
VIS = 4 VPP
0V
4.5V
0.013
%
VIS = 8 VPP
–4.5V
4.5V
0.008
CIN
Maximum Control Input
Capacitance
510
10
pF
CIN
Maximum Switch Input
Capacitance
Input
4051 Common
4052 Common
4053 Common
15
90
45
30
pF
CIN
Maximum Feedthrough
Capacitance
5pF


유사한 부품 번호 - 74VHC4053WM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC4053WM FAIRCHILD-74VHC4053WM Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
More results

유사한 설명 - 74VHC4053WM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
   8-Channel Analog Multiplexer
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Rohm
BU4051BC ROHM-BU4051BC Datasheet
76Kb / 6P
   8-channel analog multiplexer / demultiplexer
logo
Hitachi Semiconductor
HD14051B HITACHI-HD14051B Datasheet
92Kb / 8P
   8-channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A_15 Datasheet
145Kb / 14P
   8-channel Analog Multiplexer / Demultiplexer
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_15 Datasheet
289Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
NXP Semiconductors
74HC4051D NXP-74HC4051D Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
HEF4051B NEXPERIA-HEF4051B Datasheet
293Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 13 - 29 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com