전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSBD10100CTF 데이터시트(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

부품명 SSBD10100CTF
상세설명  Main Product Characteristics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSBD10100CTF 데이터시트(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSBD10100CTF Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSBD10100CTF Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSBD10100CTF Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSBD10100CTF Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSBD10100CTF Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSBD10100CTF Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SSBD10100CT/ SSBD10100CTF
©Silikron Semiconductor CO., LTD.
2011.5.26
Version: 2.2
page
1of6
www.silikron.com
Main Product Characteristics:
IF
2×5A
VRRM
100V
Tj(max)
150℃
Vf(max)
0.8V
Features and Benefits:
High Junction Temperature
High ESD Protection
High Forward & Reverse Surge capability
Description:
Schottky Barrier Rectifier designed for high frequency switch model power supplies such as adaptors and DC/DC
convertors; this product special design for high forward and reverse surge capability
Absolute Rating:
Symbol
Characterizes
Value
Unit
VRRM
Peak Repetitive Reverse Voltage
100
V
VR(RMS)
RMS Reverse Voltage
70
V
IF(AV)
Average Forward Current
Per diode
5
A
Per device
10
A
IFSM
Non Repetitive Surge Forward Current(tp=8.3ms sinusoidal)
180
A
IRRM
Peak Repetitive Reverse Surge Current(Tp=2us)
0.5
A
TJ
Maximum operation Junction Temperature Range
-55~150
Tstg
Storage Temperature Range
-55~150
Thermal Resistance
Symbol
Characterizes
Value
Unit
RθJC
Maximum Thermal Resistance Junction To
Case(per leg)
TO220
2
℃/W
RθJC
TO220F
4
℃/W
Electrical Characterizes @TA=25℃ unless otherwise specified
Symbol
Characterizes
Min
Typ
Max
Unit
Test Condition
VR
Reverse Breakdown Voltage
100
V
IR=0.5mA
VF
Forward Voltage Drop
0.8
V
IF=5A, TJ=25℃
0.7
IF=5A, TJ=125℃
IR
Leakage Current
0.1
mA
VR=100V, TJ=25℃
10
VR=100V, TJ=125℃
TO220F
SSBD10100CTF
TO220
SSBD10100CT
Schematic Diagram


유사한 부품 번호 - SSBD10100CTF

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSBD10100CTD SILIKRON-SSBD10100CTD Datasheet
242Kb / 3P
   Main Product Characteristics
More results

유사한 설명 - SSBD10100CTF

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E_15 Datasheet
750Kb / 5P
   Main Product Characteristics
logo
Silikron Semiconductor ...
SSBD10150CT SILIKRON-SSBD10150CT Datasheet
301Kb / 6P
   Main Product Characteristics
SSBD20200CT SILIKRON-SSBD20200CT Datasheet
333Kb / 6P
   Main Product Characteristics
SSF2N60D SILIKRON-SSF2N60D Datasheet
501Kb / 8P
   Main Product Characteristics
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
   Main Product Characteristics
SSF2N60G SILIKRON-SSF2N60G Datasheet
457Kb / 8P
   Main Product Characteristics
SSF4N60F SILIKRON-SSF4N60F Datasheet
529Kb / 8P
   Main Product Characteristics
SSF5N50D SILIKRON-SSF5N50D Datasheet
526Kb / 8P
   Main Product Characteristics
SSF5N60D SILIKRON-SSF5N60D Datasheet
489Kb / 8P
   Main Product Characteristics
SSBD2060CT SILIKRON-SSBD2060CT Datasheet
488Kb / 6P
   Main Product Characteristics
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com