전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF2N60F 데이터시트(PDF) 7 Page - Silikron Semiconductor Co.,LTD.

부품명 SSF2N60F
상세설명  Main Product Characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2N60F 데이터시트(HTML) 7 Page - Silikron Semiconductor Co.,LTD.

  SSF2N60F Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2N60F Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2N60F Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2N60F Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2N60F Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF2N60F Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF2N60F Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF2N60F Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SSF2N60F
©Silikron Semiconductor CO.,LTD.
2012.08.18
Version : 1.1
page 7 of 8
www.silikron.com
Ordering and Marking Information
Device Marking: SSF2N60F
Package (Available)
TO220F
Operating Temperature Range
C : -55 to 150 ºC
Devices per Unit
Package
Type
Units/
Tube
Tubes/Inner
Box
Units/Inner
Box
Inner
Boxes/Carton
Box
Units/Carton
Box
TO220F
50
20
1000
6
6000
Reliability Test Program
Test Item
Conditions
Duration
Sample Size
High
Temperature
Reverse
Bias(HTRB)
Tj=125℃ to 150℃ @
80% of Max
VDSS/VCES/VR
168 hours
500 hours
1000 hours
3 lots x 77 devices
High
Temperature
Gate
Bias(HTGB)
Tj=150℃@ 100% of
Max VGSS
168 hours
500 hours
1000 hours
3 lots x 77 devices


유사한 부품 번호 - SSF2N60F

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSF2N60F GOOD-ARK-SSF2N60F Datasheet
1Mb / 7P
   600V N-Channel MOSFET
SSF2N60F GOOD-ARK-SSF2N60F_15 Datasheet
1Mb / 7P
   600V N-Channel MOSFET
More results

유사한 설명 - SSF2N60F

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E_15 Datasheet
750Kb / 5P
   Main Product Characteristics
logo
Silikron Semiconductor ...
SSBD10150CT SILIKRON-SSBD10150CT Datasheet
301Kb / 6P
   Main Product Characteristics
SSBD20200CT SILIKRON-SSBD20200CT Datasheet
333Kb / 6P
   Main Product Characteristics
SSF2N60D SILIKRON-SSF2N60D Datasheet
501Kb / 8P
   Main Product Characteristics
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
   Main Product Characteristics
SSBD10100CT SILIKRON-SSBD10100CT Datasheet
468Kb / 6P
   Main Product Characteristics
SSF2N60G SILIKRON-SSF2N60G Datasheet
457Kb / 8P
   Main Product Characteristics
SSF4N60F SILIKRON-SSF4N60F Datasheet
529Kb / 8P
   Main Product Characteristics
SSF5N50D SILIKRON-SSF5N50D Datasheet
526Kb / 8P
   Main Product Characteristics
SSF5N60D SILIKRON-SSF5N60D Datasheet
489Kb / 8P
   Main Product Characteristics
SSBD2060CT SILIKRON-SSBD2060CT Datasheet
488Kb / 6P
   Main Product Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com