전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF5N50D 데이터시트(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

부품명 SSF5N50D
상세설명  Main Product Characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF5N50D 데이터시트(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF5N50D Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF5N50D Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF5N50D Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF5N50D Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF5N50D Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF5N50D Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF5N50D Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF5N50D Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SSF5N50D
©Silikron Semiconductor CO.,LTD.
2012.08.12
Version : 1.0
page 2 of 8
www.silikron.com
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJC
Junction-to-case③
1.2
℃/W
RθJA
Junction-to-ambient (t ≤ 10s)
55
℃/W
Electrical Characterizes @T
A=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
500
V
VGS = 0V, ID = 250μA
RDS(on)
Static Drain-to-Source on-resistance
1.5
1.6
Ω
VGS=10V,ID = 2.75A
3.6
TJ = 125℃
VGS(th)
Gate threshold voltage
2
4
V
VDS = VGS, ID = 250μA
2.0
TJ = 125℃
IDSS
Drain-to-Source leakage current
1
μA
VDS = 500V,VGS = 0V
50
TJ = 125℃
IGSS
Gate-to-Source forward leakage
100
nA
VGS =30V
-100
VGS = -30V
Qg
Total gate charge
16.9
nC
ID = 5A,
VDS=320V,
VGS = 10V
Qgs
Gate-to-Source charge
6.9
Qgd
Gate-to-Drain("Miller") charge
3.5
td(on)
Turn-on delay time
11.1
ns
VGS=10V, VDS=200V,
RGEN=25Ω,ID=5A
tr
Rise time
15.8
td(off)
Turn-Off delay time
40.2
tf
Fall time
19.8
Ciss
Input capacitance
640
pF
VGS = 0V
VDS = 25V
ƒ = 1MHz
Coss
Output capacitance
67
Crss
Reverse transfer capacitance
4.8
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
5
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
17
A
V
SD
Diode Forward Voltage
0.89
1.4
V
IS=5A, VGS=0V
trr
Reverse Recovery Time
490
ns
TJ = 25°C, IF =5A,
di/dt = 10
0A/μs
Qrr
Reverse Recovery Charge
2333
nC


유사한 부품 번호 - SSF5N50D

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSF5N50D GOOD-ARK-SSF5N50D Datasheet
1Mb / 7P
   500V N-Channel MOSFET
SSF5N50D GOOD-ARK-SSF5N50D_15 Datasheet
1Mb / 7P
   500V N-Channel MOSFET
More results

유사한 설명 - SSF5N50D

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E_15 Datasheet
750Kb / 5P
   Main Product Characteristics
logo
Silikron Semiconductor ...
SSBD10150CT SILIKRON-SSBD10150CT Datasheet
301Kb / 6P
   Main Product Characteristics
SSBD20200CT SILIKRON-SSBD20200CT Datasheet
333Kb / 6P
   Main Product Characteristics
SSF2N60D SILIKRON-SSF2N60D Datasheet
501Kb / 8P
   Main Product Characteristics
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
   Main Product Characteristics
SSBD10100CT SILIKRON-SSBD10100CT Datasheet
468Kb / 6P
   Main Product Characteristics
SSF2N60G SILIKRON-SSF2N60G Datasheet
457Kb / 8P
   Main Product Characteristics
SSF4N60F SILIKRON-SSF4N60F Datasheet
529Kb / 8P
   Main Product Characteristics
SSF5N60D SILIKRON-SSF5N60D Datasheet
489Kb / 8P
   Main Product Characteristics
SSBD2060CT SILIKRON-SSBD2060CT Datasheet
488Kb / 6P
   Main Product Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com