전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8TPE100MAZB 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 8TPE100MAZB
상세설명  TPE series has low ESR and can aid in creating thinner and smaller products.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

8TPE100MAZB 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  8TPE100MAZB Datasheet HTML 1Page - List of Unclassifed Manufacturers 8TPE100MAZB Datasheet HTML 2Page - List of Unclassifed Manufacturers 8TPE100MAZB Datasheet HTML 3Page - List of Unclassifed Manufacturers 8TPE100MAZB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Catalog Deletion and
EOL series
Image of
case size
Products list
Packing
specifications
(SMD type)
Packing
specifications
(Radial lead type)
Characteristics
Fundamental
structure
Recommended
soldering
condition
Reliability
OS-CON
Line-up
Guidelines and
precautions for use
SVPF
SVPE
SVPS
SVPD
SVPC
SVPB
SVPA
SVQP
SVP
SEPF
SEPC
SEQP
SEP
Series system
diagram
TPU
TPH
TPG
TPSF
TPE
TPB/TPC
TPL・TPLF
TPF
TA
TV
TH
TQC
POSCAP
Line-up
Guidelines and
precautions for use
Image of
case size
Products list
Explanation of
part numbers
Packing
specifications
Series system
diagram
Marking
Reliability
Recommended
land pattern
dimension
Recommended
soldering
condition
Characteristics
Fundamental
structure
SVPF
SVPE
SVPS
SVPD
SVPC
SVPB
SVPA
SVQP
SVP
SEPF
SEPC
SEQP
SEP
Characteristics
Fundamental
structure
Recommended
soldering
condition
Reliability
OS-CON
Line-up
Catalog Deletion and
EOL series
Image of
case size
Products list
Packing
specifications
(SMD type)
Packing
specifications
(Radial lead type)
Series system
diagram
Guidelines and
precautions for use
TPU
TPH
TPG
TPSF
TPE
TPB/TPC
TPL・TPLF
TPF
TA
TV
TH
TQC
Marking
Reliability
Recommended
land pattern
dimension
Recommended
soldering
condition
Characteristics
Fundamental
structure
Image of
case size
Products list
Explanation of
part numbers
Packing
specifications
POSCAP
Line-up
Catalog Deletion and
EOL models
Guidelines and
precautions for use
Series system
diagram
Catalog Deletion and
EOL models
TPE
TPE
92
93
TPESeries
RoHS compliance
Surface
mount type
Low ESR (B2,C2,C3 size)
Surface mount type
TPE Series
(unit: mm)
RV : Rated voltage
Endurance
Characteristics of impedance
ratio at high temp.
and low temp.
Damp heat (Steady State)
Surge
△C/C
DF
LC
△C/C
DF
LC
△C/C
DF
LC
−55℃
+105℃
Z/Z20℃
Z/Z20℃
−55 to +105
M : ±20
47 to 470
Please see the attached characteristics list
Please see the attached characteristics list
Please see the attached characteristics list
Specifications
Items
0.6 to 2.0
0.6 to 2.0
Within±20% of the initial value
<
1.5 times of the initial limit
Within the initial limit
Within+40%, −20% of the initial value (Except for the above model)
<
1.5 times of the initial limit
<
3 times of the initial limit
Within±5% of the initial value
Within the initial limit
<
3 times of the initial limit
Rated voltage
Surge voltage
Category temperature range
Capacitance tolerance
Rated capacitance range
Dissipation Factor (DF)
Leakage current
Equivalent series resistance (ESR)
(V)
(V)
(℃)
(%)
(μF)
105℃, 1,000h rated voltage applied
※Rated temp. 85℃ products:
85℃, 1,000h, rated voltage applied
100kHz/+20℃
60℃, 90 to 95%RH, 500h,
No-applied voltage
105℃, 1,000 cycles, 1kΩ discharge
resistance,surge voltage applied
※Rated temp 85℃ products:85℃
Condition
120Hz/20℃
120Hz/20℃
120Hz/20℃
Rated voltage applied, after 5 minutes
100kHz/20℃
Within+50%, −20%〈2R5TPE220MDGB(MAZB,MAPB,MAFB),
2R5TPE330MAZB,2TPE330MFB(MAFB,MADGB)
ETPE330MA9GB,2TPE470MAJGB〉
2.0
2.3
2.5
2.9
4.0
4.6
6.3
7.2
8.0
9.2
10
12
2.0
RV
μF
2.5
4.0
6.3
B2
B2
47
100
120
150
220
330
470
B2
B2
B2
B2
B2
B2
B2
B2
B2
8.0
B2
10
B2
L ±0.2
W ±0.2
H ±0.1
S ±0.2
W1 ±0.1
2.2
3.5
B2
2.8
1.9
0.8
W1
S
S
Size
code
B2
10TPE47MAZB
8TPE100MAZB
6TPE220MAZB
6TPE220MAPB※2
6TPE150MAZB
6TPE150MAPB
6TPE120MAZB
6TPE100MPB
6TPE100MAZB
4TPE220MAZB
4TPE150MAZB
4TPE150MAUB
4TPE100MZB
2R5TPE330MAZB
ETPE330MA9GB※2
2R5TPE220MZB
2R5TPE220MLB
2R5TPE220MFGB
2R5TPE220MDGB
2R5TPE220MAZB
2R5TPE220MAPB
2R5TPE220MAFB
2TPE470MAJGB
2TPE330MFB
2TPE330MAFB
2TPE330MADGB
10
8.0
6.3
6.3
6.3
6.3
6.3
6.3
6.3
4.0
4.0
4.0
4.0
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.0
2.0
2.0
2.0
85
85
85
85
85
85
85
105
85
85
85
85
105
85
85
105
105
105
105
85
85
85
85
105
85
85
47
100
220
220
150
150
120
100
100
220
150
150
100
330
330
220
220
220
220
220
220
220
470
330
330
330
8.0
6.3
5.0
5.0
5.0
5.0
5.0
6.3
5.0
3.2
3.2
3.2
4.0
2.0
2.0
2.5
2.5
2.5
2.5
2.0
2.0
2.0
1.8
2.0
1.8
1.8
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
8.0
8.0
10.0
10.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
10.0
8.0
8.0
8.0
47.0
80.0
138.6
138.6
94.5
94.5
75.6
63.0
63.0
88.0
60.0
60.0
40.0
82.5
165.0
55.0
55.0
110.0
110.0
55.0
55.0
110.0
188.0
132.0
132.0
132.0
35
35
35
25
35
25
35
25
35
35
35
30
35
35
9/300kHz
35
21
15/300kHz
13/300kHz
35
25
15
11/300kHz
15
15
13/300kHz
1400
1400
1400
1400
1400
1600
1400
1600
1400
1400
1400
1500
1400
1400
3200
1400
1700
1800
2000
1400
1600
2000
2300
2000
2000
2000
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
Part number
Rated
voltage
(V)
Rated
temperature
(℃)
Rated
capacitance
(μF)
Category
voltage
(V)
Category
temperature
(℃)
DF
(% max)
LC
(μA)
max/5min.
ESR
(mΩmax)
100kHz/20℃
Maximum allowable
ripple current
(mArms)
100kHz※1
MSL
Reflow
temp.
<
260℃
Reflow
temp.
<
250℃
Size
code
TPE series has low ESR and can aid in creating thinner and smaller products.
This page focuses on the smaller packages within the series.
TPE series characteristics list
Specifications
Dimensions
Size list
L
※1 100k to 500kHz,45℃ ※2 Under development


유사한 부품 번호 - 8TPE100MAZB

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
8TPE100MAZB PANASONIC-8TPE100MAZB Datasheet
295Kb / 2P
   Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
8TPE100MAZB PANASONIC-8TPE100MAZB Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
8TPE100MAZB PANASONIC-8TPE100MAZB Datasheet
295Kb / 2P
   Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
8TPE100MAZB PANASONIC-8TPE100MAZB Datasheet
295Kb / 2P
   Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
8TPE100MAZB PANASONIC-8TPE100MAZB Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
More results

유사한 설명 - 8TPE100MAZB

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
SKRK ALPS-SKRK_15 Datasheet
671Kb / 4P
   1.5mm or 2mm stem height contribute to smaller and thinner sets
logo
Dubilier
DSHX DUBILIER-DSHX Datasheet
265Kb / 3P
   LOW IMPEDANCE AND LOW ESR
logo
Cornell Dubilier Electr...
401C CDE-401C Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
logo
Vishay Siliconix
T83 VISHAY-T83 Datasheet
585Kb / 19P
   Standard and low ESR options
Revision: 14-Nov-16
logo
Kemet Corporation
B45190E KEMET-B45190E Datasheet
464Kb / 16P
   Low Profile, Standard and Low ESR
logo
Kingston Technology Far...
SNVS KINGSTON-SNVS Datasheet
2Mb / 2P
   Efficient performance for thinner notebooks and systems
logo
PUI audio inc.
AMP2X15 PUIAUDIO-AMP2X15 Datasheet
838Kb / 8P
   purpose-built to aid and assist engineers in prototyping audio solutions
logo
Dubilier
DSHX33010TA DUBILIER-DSHX33010TA_11 Datasheet
265Kb / 3P
   CAPACITORS LOW IMPEDANCE AND LOW ESR DSHX
DSHX33010TA DUBILIER-DSHX33010TA Datasheet
167Kb / 3P
   CAPACITORS LOW IMPEDANCE AND LOW ESR DSHX
logo
Cynergy3 Co
LM10A CYNERGY3-LM10A Datasheet
1Mb / 2P
   For smaller tanks and restricted space
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com