전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF5NS65UD 데이터시트(PDF) 4 Page - Silikron Semiconductor Co.,LTD.

부품명 SSF5NS65UD
상세설명  High dv/dt and avalanche capabilities
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF5NS65UD 데이터시트(HTML) 4 Page - Silikron Semiconductor Co.,LTD.

  SSF5NS65UD Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF5NS65UD Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF5NS65UD Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF5NS65UD Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF5NS65UD Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF5NS65UD Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF5NS65UD Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF5NS65UD Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SSF5NS65UD
©Silikron Semiconductor CO.,LTD.
2013.02.20
Version : 1.0
page 4 of 8
www.silikron.com
Typical electrical and thermal characteristics
Figure 2. Gate to source cut-off voltage
Figure 1: Typical Output Characteristics
Figure 3. Drain-to-Source Breakdown Voltage Vs.
Case Temperature
Figure 4: Normalized On-Resistance Vs. Case
Temperature


유사한 부품 번호 - SSF5NS65UD

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSF5NS65UD GOOD-ARK-SSF5NS65UD Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UD GOOD-ARK-SSF5NS65UD_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
More results

유사한 설명 - SSF5NS65UD

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF11NS60UF SILIKRON-SSF11NS60UF Datasheet
444Kb / 8P
   High dv/dt and avalanche capabilities
SSF6NS70UG SILIKRON-SSF6NS70UG Datasheet
463Kb / 8P
   High dv/dt and avalanche capabilities
SSF20NS65F SILIKRON-SSF20NS65F Datasheet
386Kb / 8P
   High dv/dt and avalanche capabilities
SSF26NS60 SILIKRON-SSF26NS60 Datasheet
519Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS65 SILIKRON-SSF11NS65 Datasheet
379Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS65U SILIKRON-SSF11NS65U Datasheet
484Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS70UG SILIKRON-SSF11NS70UG Datasheet
440Kb / 8P
   High dv/dt and avalanche capabilities
SSF7NS70UG SILIKRON-SSF7NS70UG Datasheet
468Kb / 8P
   High dv/dt and avalanche capabilities
SSF18NS60 SILIKRON-SSF18NS60 Datasheet
613Kb / 8P
   High dv/dt and avalanche capabilities
SSF7NS60F SILIKRON-SSF7NS60F Datasheet
574Kb / 8P
   High dv/dt and avalanche capabilities
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com