전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HA17301P 데이터시트(PDF) 4 Page - Hitachi Semiconductor

부품명 HA17301P
상세설명  Quad Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17301P 데이터시트(HTML) 4 Page - Hitachi Semiconductor

  HA17301P Datasheet HTML 1Page - Hitachi Semiconductor HA17301P Datasheet HTML 2Page - Hitachi Semiconductor HA17301P Datasheet HTML 3Page - Hitachi Semiconductor HA17301P Datasheet HTML 4Page - Hitachi Semiconductor HA17301P Datasheet HTML 5Page - Hitachi Semiconductor HA17301P Datasheet HTML 6Page - Hitachi Semiconductor HA17301P Datasheet HTML 7Page - Hitachi Semiconductor HA17301P Datasheet HTML 8Page - Hitachi Semiconductor HA17301P Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HA17301P
4
HA17301P Application Examples
The HA17301P is a quad operational amplifier, and consists of four operational amplifier circuits and one
bias current circuit. The HA17301P features a wide operating temperature range, single-voltage power
supply operation, internal phase compensation, a wide zero-cross bandwidth, a low input bias current, and a
high open-loop gain. Thus the HA17301P can be used in a wide range of applications. This section
describes several applications using the HA17301P.
HA17301 Circuit Operation
VCC
C1
3 pF
Q4
Q5
Q2
Q10
Q3
Q1
D1
GND
Op amp 1
Inverting input
3
Non inverting
input
2
Output
4
Bias circuit
Figure 1 HA17301 Internal Equivalent Circuit
Figure 1 shows the internal equivalent circuit for the HA17301P bias circuit and one operational amplifier
circuit (Op amp 1).
Op amp 1 is basically an emitter ground type operational amplifier in which the input transistor Q
1, the
buffer transistor Q
4, the current source transistor Q5, the output emitter-follower transistor Q2, and the
current source transistor Q
10 form an inverting amplifier. The voltage gain of this circuit is all given by the
transistor Q
1, and the adoption of the current-supply load Q5 allows this circuit to provide a large open-loop
gain even at low power-supply voltages. Next, the emitter-follower transistor Q
2 lowers the output
impedance of this circuit. The use of the power-supply transistor Q
10 as the load for Q2 gives this circuit an
extremely large dynamic range, and essentially an amplitude from ground to (V
CC – 1) can be acquired.
Also, the buffer transistor Q
4 is used to reduce the input current without increasing the DC input voltage
level. Since the capacitor C
1 is used to preserve stability when this inverting amplifier is used as a closed
circuit, no external compensation is required.
Now consider the non inverting circuit. Assuming that the current amplification ratio provided by Q
3 is
adequately large for the current flowing into the non inverting input, then all that current will flow through
diode D
1 and the voltage drop induced in the diode D1 by this input current will be applied to the Q 3 base-
emitter junction. Therefore, if D
1 and Q3 are matched, a current equal to the input current will flow in the
Q
3 emitter. Assuming that the current amplification ratio provided by Q3 is adequately large, a current equal
to the input current will flow in the Q
3 collector.
This is called a “current mirror”, and when an external
feedback resistor is used, a current equal to the non inverting input current will flow in this resistor and thus
determine the output voltage.


유사한 부품 번호 - HA17301P

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HA17324 HITACHI-HA17324 Datasheet
55Kb / 11P
   Quad Operational Amplifier
logo
List of Unclassifed Man...
HA17324 ETC2-HA17324 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Hitachi Semiconductor
HA17324A HITACHI-HA17324A Datasheet
55Kb / 11P
   Quad Operational Amplifier
logo
Renesas Technology Corp
HA17324A RENESAS-HA17324A Datasheet
104Kb / 8P
   Quad Operational Amplifier
HA17324AF RENESAS-HA17324AF Datasheet
104Kb / 8P
   Quad Operational Amplifier
More results

유사한 설명 - HA17301P

제조업체부품명데이터시트상세설명
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com