전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP16DPPS05PTR 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STP16DPPS05PTR
상세설명  Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPPS05PTR 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STP16DPPS05PTR Datasheet HTML 4Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 5Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 6Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 7Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 8Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 9Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 10Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 11Page - STMicroelectronics STP16DPPS05PTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Electrical characteristics
STP16DPPS05
8/35
DocID15817 Rev 3
VDD = 3.3 V to 5 V, TA = 25 °C, unless otherwise specified.
Table 8. Switching characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tPLH1
Propagation delay time,
CLK-OUTn, LE/DM1 = H,
OE/DM2 = L
VIH = VDD
VIL = GND
CL = 10 pF
IO = 20 mA
VL = 3.0 V
REXT = 1 KΩ
RL = 60 Ω
VDD = 3.3 V
53.5
86.5
ns
VDD = 5 V
32
46.5
tPLH2
Propagation delay time,
LE/DM1-OUTn,
OE/DM2 = L
VDD = 3.3 V
48
75.5
ns
VDD = 5 V
30
43
tPLH3
Propagation delay time,
OE/DM2-OUTn, LE = H
VDD = 3.3 V
71.5
118
ns
VDD = 5 V
43
62
tPLH
Propagation delay time,
CLK-SDO
VDD = 3.3 V
15
21
31
ns
VDD = 5 V
11
15
21
tPHL1
Propagation delay time,
CLK-OUTn, LE/DM1 = H,
OE/DM2 = L
VDD = 3.3 V
27.5
39
ns
VDD = 5 V
22
30.5
tPHL2
Propagation delay time,
LE/DM1-OUTn,
OE/DM2 = L
VDD = 3.3 V
11.5
17.5
ns
VDD = 5 V
8
11.5
tPHL3
Propagation delay time,
OE/DM2-OUTn,
LE/DM1 = H
VDD = 3.3 V
24
33.5
ns
VDD = 5 V
21
28.5
tPHL
Propagation delay time,
CLK-SDO
VDD = 3.3 V
17.5
24
36
ns
VDD = 5 V
12.5
17
25
tON
Output rise time
10~90% of voltage
waveform
VDD = 3.3 V
29
54
ns
VDD = 5 V
10
17
tOFF
Output fall time
90~10% of voltage
waveform
VDD = 3.3 V
4.5
6
ns
VDD = 5 V
3.5
5
tr
CLK rise time (1)
5000
ns
tf
CLK fall time (1)
5000
ns
1.
In order to achieve high cascade data transfer, please consider tr/tf timings carefully.


유사한 부품 번호 - STP16DPPS05PTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP16DPP05 STMICROELECTRONICS-STP16DPP05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
STP16DPP05MTR STMICROELECTRONICS-STP16DPP05MTR Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
STP16DPP05PTR STMICROELECTRONICS-STP16DPP05PTR Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
STP16DPP05TTR STMICROELECTRONICS-STP16DPP05TTR Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
STP16DPP05XTTR STMICROELECTRONICS-STP16DPP05XTTR Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
More results

유사한 설명 - STP16DPPS05PTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP16DPP05 STMICROELECTRONICS-STP16DPP05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
STMicroelectronics
STP16CPPS05 STMICROELECTRONICS-STP16CPPS05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver with auto power-saving
March 2017 Rev 4
STP16CPS05 STMICROELECTRONICS-STP16CPS05 Datasheet
643Kb / 26P
   Low voltage 16-Bit constant current LED sink driver with auto power saving
STP16DP05 STMICROELECTRONICS-STP16DP05 Datasheet
598Kb / 28P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
STP16DP05 STMICROELECTRONICS-STP16DP05_08 Datasheet
671Kb / 29P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
STP16DPS05 STMICROELECTRONICS-STP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED Sink driver with outputs error detection
logo
List of Unclassifed Man...
MBI5029 ETC1-MBI5029 Datasheet
702Kb / 31P
   16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
logo
STMicroelectronics
STP24DP05 STMICROELECTRONICS-STP24DP05 Datasheet
470Kb / 26P
   24-bit constant current LED sink driver with output error detection
logo
List of Unclassifed Man...
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com