전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC244PW 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74HC244PW
상세설명  Octal buffer/line driver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC244PW 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74HC244PW Datasheet HTML 3Page - NXP Semiconductors 74HC244PW Datasheet HTML 4Page - NXP Semiconductors 74HC244PW Datasheet HTML 5Page - NXP Semiconductors 74HC244PW Datasheet HTML 6Page - NXP Semiconductors 74HC244PW Datasheet HTML 7Page - NXP Semiconductors 74HC244PW Datasheet HTML 8Page - NXP Semiconductors 74HC244PW Datasheet HTML 9Page - NXP Semiconductors 74HC244PW Datasheet HTML 10Page - NXP Semiconductors 74HC244PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
74HC_HCT244
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 24 September 2012
7 of 18
NXP Semiconductors
74HC244; 74HCT244
Octal buffer/line driver; 3-state
[1]
tpd is the same as tPHL and tPLH.
[2]
ten is the same as tPZH and tPZL.
[3]
tdis is the same as tPHZ and tPLZ.
[4]
tt is the same as tTHL and tTLH.
[5]
CPD is used to determine the dynamic power dissipation (PD in W):
PD =CPD  VCC2  fi  N+  (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
 (C
L  VCC
2
 f
o) = sum of outputs.
ten
enable time
nOE to nYn; see Figure 7
[2]
VCC = 2.0 V
-
36
150
190
225
ns
VCC = 4.5 V
-
13
30
38
45
ns
VCC = 6.0 V
-
10
26
33
38
ns
tdis
disable time
nOE to nYn or see Figure 7
[3]
VCC = 2.0 V
-
39
150
190
225
ns
VCC = 4.5 V
-
14
30
38
45
ns
VCC = 6.0 V
-
11
26
33
38
ns
tt
transition time
see Figure 6
[4]
VCC = 2.0 V
-
14
60
75
90
ns
VCC = 4.5 V
-
5
12
15
18
ns
VCC = 6.0 V
-
4
10
13
15
ns
CPD
power dissipation
capacitance
per buffer; VI =GND to VCC
[5]
-35-
-
-
pF
74HCT244
tpd
propagation delay
nAn to nYn;
see Figure 6
[1]
VCC = 4.5 V
-
13
22
28
33
ns
VCC = 5.0 V; CL =15pF
-
11
-
-
-
ns
ten
enable time
nOE to nYn; VCC = 4.5 V; see
Figure 7
[2]
-15
3038
45
ns
tdis
disable time
nOE to nYn; VCC = 4.5 V; see
Figure 7
[3]
-15
2531
38
ns
tt
transition time
VCC = 4.5 V; see Figure 6
[4]
-
5
12
15
18
ns
CPD
power dissipation
capacitance
per buffer;
VI =GND to VCC  1.5 V
[5]
-35-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V; for load circuit see Figure 8.
Symbol Parameter
Conditions
25
C
40 C to +125 C Unit
Min
Typ
Max
Max
(85
C)
Max
(125
C)


유사한 부품 번호 - 74HC244PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC244PW PHILIPS-74HC244PW Datasheet
39Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74HC244PW PHILIPS-74HC244PW Datasheet
127Kb / 22P
   Octal buffer/line driver; 3-state
Rev. 03-22 December 2005
74HC244PW NXP-74HC244PW Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74HC244PW NXP-74HC244PW Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74HC244PW PHILIPS-74HC244PW Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state Rev. 4 ??24 September 2012
Rev. 4-24 September 2012
More results

유사한 설명 - 74HC244PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com