전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF1116A 데이터시트(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

부품명 SSF1116A
상세설명  Advanced trench process technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF1116A 데이터시트(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF1116A Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF1116A Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF1116A Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF1116A Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF1116A Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©Silikron Semiconductor Corporation
2010.12.1
Version: 1.
1
page
1of5
SSF1116A
Absolute Maximum Ratings
Parameter
Max.
Units
ID@Tc=25 ْC
Continuous drain current,VGS@10V
75
A
ID@Tc=100ْC
Continuous drain current,VGS@10V
61
IDM
Pulsed drain current ①
300
PD@TC=25ْC
Power dissipation
2
72
W
Linear derating factor
1.5
W/ ْC
VGS
Gate-to-Source voltage
±20
V
EAS
Single pulse avalanche energy ②
300
mJ
EAR
Repetitive avalanche energy
TBD
mJ
dv/dt
Peak diode recovery voltage
31
v/ns
TJ
TSTG
Operating Junction and
Storage Temperature Range
–55 to +1
75
ْC
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-case
0.55
ْC/W
RθJA
Junction-to-ambient
62
Electrical Characteristics @TJ=25 ْC (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Test Conditions
BVDSS Drain-to-Source breakdown voltage
110
120
V
VGS=0V,ID=250μA
RDS(on) Static Drain-to-Source on-resistance
12
16
mΩ
VGS=10V,ID=30A
VGS(th)
Gate threshold voltage
2.0
4.0
V
VDS=VGS,ID=250μA
IDSS
Drain-to-Source leakage current
2
μA
VDS=110V,VGS=0V
10
VDS=110V,
VGS=0V,TJ=150ْC
IGSS
Gate-to-Source forward leakage
100
nA
VGS=20V
Gate-to-Source reverse leakage
-100
VGS=-20V
SSF1116A TOP View (D2PAK)
ID =75A
BV=110V
Rdson=12mΩ (Typ.)
Feathers:
Advanced trench process technology
avalanche energy, 100% test
Fully characterized avalanche voltage and current
Description:
The SSF1116A is a new generation of high voltage and low
current N–Channel enhancement mode trench power
MOSFET. This new technology increases the device reliability
and electrical parameter repeatability. SSF1116A is
assembled in high reliability and qualified assembly house.
Application:
Power switching application


유사한 부품 번호 - SSF1116A

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSF1116A GOOD-ARK-SSF1116A Datasheet
1Mb / 5P
   110V N-Channel MOSFET
SSF1116A GOOD-ARK-SSF1116A_15 Datasheet
1Mb / 5P
   110V N-Channel MOSFET
More results

유사한 설명 - SSF1116A

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF1122D SILIKRON-SSF1122D Datasheet
627Kb / 5P
   Advanced trench process technology
SSF6010A SILIKRON-SSF6010A Datasheet
449Kb / 5P
   Advanced trench process technology
SSF6014A SILIKRON-SSF6014A Datasheet
486Kb / 5P
   Advanced trench process technology
SSF7504 SILIKRON-SSF7504 Datasheet
433Kb / 5P
   Advanced trench process technology
SSF6808A SILIKRON-SSF6808A Datasheet
466Kb / 5P
   Advanced trench process technology
SSF3014 SILIKRON-SSF3014 Datasheet
298Kb / 5P
   Advanced trench process technology
SSF3022 SILIKRON-SSF3022 Datasheet
339Kb / 5P
   Advanced trench process technology
logo
First Silicon Co., Ltd
FTK9926 FS-FTK9926 Datasheet
2Mb / 4P
   Advanced trench process technology
logo
Silikron Semiconductor ...
SSF1122 SILIKRON-SSF1122 Datasheet
627Kb / 5P
   Advanced trench process technology
SSFD6046 SILIKRON-SSFD6046 Datasheet
1Mb / 4P
   Advanced trench process technology
SSF1030D SILIKRON-SSF1030D Datasheet
832Kb / 5P
   Advanced trench process technology
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com