전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF1530 데이터시트(PDF) 7 Page - Silikron Semiconductor Co.,LTD.

부품명 SSF1530
상세설명  Advanced trench MOSFET process technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF1530 데이터시트(HTML) 7 Page - Silikron Semiconductor Co.,LTD.

  SSF1530 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF1530 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF1530 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF1530 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF1530 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF1530 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF1530 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF1530 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SSF1530
©Silikron Semiconductor CO.,LTD.
2011.06.01
Version : 1.1
page 7 of 8
www.silikron.com
Ordering and Marking Information
Device Marking: SSF1530
Package (Available)
TO220
Operating Temperature Range
C : -55 to 175 ºC
Devices per Unit
Packag
e Type
Units/Tu
be
Tubes/Inner
Box
Units/Inner
Box
Inner
Boxes/Carton
Box
Units/Carton
Box
TO220
50
20
1000
6
6000
Reliability Test Program
Test Item
Conditions
Duration
Sample Size
High
Temperature
Reverse
Bias(HTRB)
Tj=125℃ to 175℃ @
80% of Max
VDSS/VCES/VR
168 hours
500 hours
1000 hours
3 lots x 77 devices
High
Temperature
Gate
Bias(HTGB)
Tj=150℃ or 175℃ @
100% of Max VGSS
168 hours
500 hours
1000 hours
3 lots x 77 devices


유사한 부품 번호 - SSF1530

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSF1530 GOOD-ARK-SSF1530 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSF1530 GOOD-ARK-SSF1530_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
More results

유사한 설명 - SSF1530

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF1020D SILIKRON-SSF1020D Datasheet
690Kb / 8P
   Advanced trench MOSFET process technology
SSF6908 SILIKRON-SSF6908 Datasheet
858Kb / 8P
   Advanced trench MOSFET process technology
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
   Advanced trench MOSFET process technology
SSF1109 SILIKRON-SSF1109 Datasheet
365Kb / 8P
   Advanced trench MOSFET process technology
SSF1526 SILIKRON-SSF1526 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSFT3904U SILIKRON-SSFT3904U Datasheet
724Kb / 8P
   Advanced trench MOSFET process technology
SSF6014J8 SILIKRON-SSF6014J8 Datasheet
810Kb / 8P
   Advanced trench MOSFET process technology
SSF7509A SILIKRON-SSF7509A Datasheet
401Kb / 8P
   Advanced trench MOSFET process technology
SSF1090A SILIKRON-SSF1090A Datasheet
721Kb / 8P
   Advanced trench MOSFET process technology
SSF7N60F SILIKRON-SSF7N60F Datasheet
528Kb / 8P
   Advanced trench MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com