전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9281 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD9281
상세설명  Dual Channel 8-Bit Resolution CMOS ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9281 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD9281 Datasheet HTML 2Page - Analog Devices AD9281 Datasheet HTML 3Page - Analog Devices AD9281 Datasheet HTML 4Page - Analog Devices AD9281 Datasheet HTML 5Page - Analog Devices AD9281 Datasheet HTML 6Page - Analog Devices AD9281 Datasheet HTML 7Page - Analog Devices AD9281 Datasheet HTML 8Page - Analog Devices AD9281 Datasheet HTML 9Page - Analog Devices AD9281 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AD9281
–6–
–Typical Characteristic Curves
(AVDD = +3 V, DVDD = +3 V, FS = 28 MHz (50% duty cycle), 2 V input span from –0.5 V to +1.5 V, 2 V internal reference unless otherwise noted)
CODE OFFSET
1
–1
0
0
16 32 48 64 80 96 112 128 144 160 176 192 208 224 240
Figure 3. Typical INL
CODE OFFSET
1
–1
0
0
16 32 48 64 80 96 112 128 144 160 176 192 208 224 240
Figure 4. Typical DNL
INPUT VOLTAGE – Volts
1.00
–1.00
–1.0
2.0
–0.5
0
0.5
1.0
1.5
0.80
0.20
–0.40
–0.60
–0.80
0.60
0.40
0.00
–0.20
Figure 5. Input Bias Current vs. Input Voltage
INPUT FREQUENCY – Hz
55
1.0E+05
50
45
40
35
30
25
1.0E+06
1.0E+07
1.0E+08
–0.5dB
–6dB
–20dB
Figure 6. SNR vs. Input Frequency
INPUT FREQUENCY – Hz
55
1.0E+05
50
45
40
35
30
25
1.0E+06
1.0E+07
1.0E+08
–0.5dB
–6dB
–20dB
Figure 7. SINAD vs. Input Frequency
INPUT FREQUENCY – Hz
–30
1.0E+05
–35
–40
–45
–50
–55
–60
1.0E+06
1.0E+07
1.0E+08
–65
–70
–0.5dB
–6dB
–20dB
Figure 8. THD vs. Input Frequency
REV. F


유사한 부품 번호 - AD9281

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9281 AD-AD9281 Datasheet
406Kb / 19P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. E
AD9281 AD-AD9281 Datasheet
411Kb / 16P
   Resolution CMOS ADC
AD9281-EB AD-AD9281-EB Datasheet
406Kb / 19P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. E
AD9281-EB AD-AD9281-EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9281ARS AD-AD9281ARS Datasheet
406Kb / 19P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. E
More results

유사한 설명 - AD9281

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9281ARSZ AD-AD9281ARSZ Datasheet
329Kb / 15P
   Dual Channel 8-Bit Resolution CMOS ADC
Rev. F
AD9281 AD-AD9281_15 Datasheet
329Kb / 15P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. F
AD9281 AD-AD9281 Datasheet
406Kb / 19P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. E
AD9201ARSZ AD-AD9201ARSZ Datasheet
75Kb / 4P
   Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
AD9201 AD-AD9201 Datasheet
431Kb / 20P
   Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
AD9281 AD-AD9281_17 Datasheet
411Kb / 16P
   Resolution CMOS ADC
AD9201 AD-AD9201_17 Datasheet
467Kb / 21P
   Resolution CMOS ADC
logo
Maxim Integrated Produc...
MAX19506 MAXIM-MAX19506_V01 Datasheet
1Mb / 35P
   Dual-Channel, 8-Bit, 100Msps ADC
2010
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19507 MAXIM-MAX19507 Datasheet
417Kb / 34P
   Dual-Channel, 8-Bit, 130Msps ADC
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com