전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF3036C 데이터시트(PDF) 4 Page - Silikron Semiconductor Co.,LTD.

부품명 SSF3036C
상세설명  Advanced Process Technology
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF3036C 데이터시트(HTML) 4 Page - Silikron Semiconductor Co.,LTD.

  SSF3036C Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF3036C Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF3036C Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF3036C Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF3036C Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF3036C Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SSF3036C
©Silikron Semiconductor CO.,LTD.
2012.02.02
Version : 1.0
page 4 of 6
www.silikron.com
Mechanical Data
Min
Nom
Max
Min
Nom
Max
A
0.700
0.750
0.800
0.028
0.030
0.031
A1
0.000
-
0.050
0.000
-
0.002
A3
D
2.950
3.000
3.050
0.116
0.118
0.120
E
1.950
2.000
2.050
0.077
0.079
0.081
b
0.250
0.300
0.350
0.010
0.012
0.014
L
0.280
0.350
0.420
0.016
0.014
0.017
e
Symbol
Dimension In Millimeters
Dimension In Inches
0.650BSC
0.026BSC
0.200REF
0.008REF
DFN 3X2_8L PACKAGE OUTLINE DIMENSION


유사한 부품 번호 - SSF3036C

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSF3036C GOOD-ARK-SSF3036C Datasheet
435Kb / 5P
   30V Complementary MOSFET
SSF3036C GOOD-ARK-SSF3036C Datasheet
435Kb / 5P
   30V Complementary MOSFET
SSF3036C GOOD-ARK-SSF3036C_15 Datasheet
435Kb / 5P
   30V Complementary MOSFET
More results

유사한 설명 - SSF3036C

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com