전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSFK3204 데이터시트(PDF) 6 Page - Silikron Semiconductor Co.,LTD.

부품명 SSFK3204
상세설명  High Power and current handing capability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFK3204 데이터시트(HTML) 6 Page - Silikron Semiconductor Co.,LTD.

  SSFK3204 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFK3204 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFK3204 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFK3204 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSFK3204 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSFK3204 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSFK3204 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SSFK3204
GEMPAK5060 PACKAGE INFORMATION
MILLIMETERS
DIM
MIN.
NOM.
MAX.
A
0.90
1.00
1.10
b
0.33
0.41
0.51
C
0.20
0.25
0.30
D1
4.80
4.90
5.00
D2
3.61
3.81
3.96
E
5.90
6.00
6.10
E1
5.70
5.75
5.80
E2
3.38
3.58
3.78
e
1.27 BSC
H
0.41
0.51
0.61
K
1.10
-
-
L
0.51
0.61
0.71
L1
0.06
0.13
0.20
-
α
12°
NOTES
1. Dimensions are inclusive of plating
2. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 6 mils.
3. Dimension L is measured in gauge plane.
4. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.
©Silikron Semiconductor CO.,LTD.
6
http://www.silikron.com
v1.0


유사한 부품 번호 - SSFK3204

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSFK3208 SILIKRON-SSFK3208 Datasheet
283Kb / 7P
   High Power and current handing capability
More results

유사한 설명 - SSFK3204

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF2816E SILIKRON-SSF2816E Datasheet
331Kb / 5P
   High Power and current handing capability
SSF1341 SILIKRON-SSF1341 Datasheet
375Kb / 7P
   High Power and current handing capability
SSF2485 SILIKRON-SSF2485 Datasheet
352Kb / 5P
   High Power and current handing capability
SSF2814E SILIKRON-SSF2814E Datasheet
292Kb / 5P
   High Power and current handing capability
SSF3314E SILIKRON-SSF3314E Datasheet
212Kb / 5P
   High Power and current handing capability
logo
GOOD-ARK Electronics
GDSSF2418EBK GOOD-ARK-GDSSF2418EBK Datasheet
483Kb / 4P
   High Power and current handing capability
logo
First Silicon Co., Ltd
FTK3341 FS-FTK3341 Datasheet
398Kb / 6P
   High Power and current handing capability
logo
Silikron Semiconductor ...
SSF32E0E SILIKRON-SSF32E0E Datasheet
237Kb / 5P
   High Power and current handing capability
SSF3365 SILIKRON-SSF3365 Datasheet
233Kb / 5P
   High Power and current handing capability
SSF3416 SILIKRON-SSF3416 Datasheet
435Kb / 7P
   High Power and current handing capability
SSFN3313 SILIKRON-SSFN3313 Datasheet
198Kb / 5P
   High Power and current handing capability
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com