전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC05-12S33 데이터시트(PDF) 1 Page - Power Mate Technology Co., LTD

부품명 FDC05-12S33
상세설명  5 WATTS DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  P-DUKE [Power Mate Technology Co., LTD]
홈페이지  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FDC05-12S33 데이터시트(HTML) 1 Page - Power Mate Technology Co., LTD

  FDC05-12S33 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC05-12S33 Datasheet HTML 2Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
www.pduke.com
2014/4/30
FDC05(W) SERIES
5 WATTS
DC-DC CONVERTER
INPUT SPECIFICATIONS
Input voltage range
FDC05
FDC05-W
12VDC nominal input
24VDC nominal input
48VDC nominal input
24VDC nominal input
48VDC nominal input
9 ~ 18VDC
18 ~ 36VDC
36 ~ 75VDC
9 ~ 36VDC
18 ~ 75VDC
Input filter
Pi type
Input surge voltage
12VDC input
24VDC input
48VDC input
36VDC 100ms, max.
50VDC 100ms, max.
100VDC 100ms, max.
Input reflected ripple current
20mAp-p
Start up time
Nominal input and
Constant resistive load
Power up
450ms, max.
Remote ON/OFF (Option) (Note 6)
(Positive logic)
(Negative logic)
DC-DC ON
DC-DC OFF
DC-DC ON
DC-DC OFF
Open or 3.5V < Vr < 12V
Short or 0V < Vr < 1.2V
Short or 0V < Vr < 1.2V
Open or 3.5V < Vr < 12V
Input current of remote control pin
Nominal input
-0.5mA ~ +1mA
Remote off state input current
Nominal input
2.5mA
ENVIRONMENTAL SPECIFICATIONS
Operating ambient
temperature
(Reference derating curve)
Standard
M1 (Note 7)
M2 (W series)
-25ºC ~ +85ºC (with derating)
-40ºC ~ +85ºC (non-derating)
-40ºC ~ +85ºC (with derating)
Maximum case temperature
+100ºC
Storage temperature range
-55ºC ~ +125ºC
Thermal impedance (Note 8)
Natural convection
Natural convection with Heat-sink
12ºC/watt
10ºC/watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI
EN55022
Class A
Class B
ESD
EN61000-4-2
Air
Contact
± 8kV
± 6kV
Perf. Criteria B
Radiated immunity
EN61000-4-3
10 V/m Perf. Criteria A
Fast transient (Note 9) EN61000-4-4
± 2kV Perf. Criteria B
Surge (Note 9)
EN61000-4-5
± 1kV Perf. Criteria B
Conducted immunity
EN61000-4-6
10 Vr.m.s Perf. Criteria A
OUTPUT SPECIFICATIONS
Output power
5 Watts, max.
Voltage accuracy
± 1%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
No load to Full load
Single
Dual
± 0.2%
± 1%
Cross regulation (Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±0.02% / ºC, max.
Transient response
recovery time
25% load step change
FL to 1/2 FL
±1% error band
Single 200µs
Dual 200µs
Over load protection
% of FL at nominal input
170%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation Voltage
Input to Output
Input (Output) to Case
1600VDC, min.1minute
1600VDC, min.1minute
Isolation resistance
500VDC
10
9
ohms, min.
Isolation capacitance
300pF, max.
Switching frequency
Standard
“W” series
300kHz±10%
200kHz±10%
Safety approvals
IEC60950-1, UL60950-1, & EN60950-1
Case material
Nickel-coated copper
Base material
Non-conducted black plastic
Potting material
Epoxy (UL94 V-0)
Dimensions
2.00 X 1.00 X 0.40 Inch
(50.8 X 25.4 X 10.2 mm)
Weight
27g (0.95oz)
MTBF (Note 1)
MIL-HDBK-217F
7.066 x 10
6 hrs
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
5 WATTS OUTPUT POWER
OUTPUT CURRENT UP TO 1000mA
STANDARD 2.00 X 1.00 X 0.40 INCH PACKAGE
HIGH EFFICIENCY UP TO 83%
2:1 AND 4:1 WIDE INPUT VOLTAGE RANGE
SIX-SIDED CONTINUOUS SHIELD
FIXED SWITCHING FREQUENCY
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
OPTIONS
Negative & Positive logic Remote On/Off
DESCRIPTION
The FDC05 and FDC05-W series offer 5 watts of output power from a 2 x
1 x 0.4 inch package without derating to 71ºC ambient temperature.
FDC05 series have 2:1 wide input voltage of 9~18VDC, 18~36VDC and
36~75VDC. FDC05-W series have 4:1 ultra wide input voltage of
9~36VDC and 18~75VDC.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


유사한 부품 번호 - FDC05-12S33

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FDC05-12S33 ETC1-FDC05-12S33 Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FDC05-12S33 ASTRODYNE-FDC05-12S33 Datasheet
368Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC05-12S33 P-DUKE-FDC05-12S33 Datasheet
210Kb / 2P
   5 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FDC05-12S33 ASTRODYNE-FDC05-12S33 Datasheet
201Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
More results

유사한 설명 - FDC05-12S33

제조업체부품명데이터시트상세설명
logo
Power Mate Technology C...
PFKC05 P-DUKE-PFKC05_14 Datasheet
1Mb / 3P
   5 WATTS DC-DC CONVERTER
logo
C&D Technologies
PWR7004AC CANDD-PWR7004AC Datasheet
200Kb / 3P
   5 WATTS REGULATED DC/DC CONVERTER
logo
Wall Industries,Inc.
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
XP Power Limited
RDF50 XPPOWER-RDF50 Datasheet
638Kb / 5P
   DC-DC Converter 50 Watts
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com