전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC6320K6-G 데이터시트(PDF) 2 Page - Supertex, Inc

부품명 TC6320K6-G
상세설명  N- and P-Channel Enhancement-Mode MOSFET Pair
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUTEX [Supertex, Inc]
홈페이지  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC6320K6-G 데이터시트(HTML) 2 Page - Supertex, Inc

  TC6320K6-G Datasheet HTML 1Page - Supertex, Inc TC6320K6-G Datasheet HTML 2Page - Supertex, Inc TC6320K6-G Datasheet HTML 3Page - Supertex, Inc TC6320K6-G Datasheet HTML 4Page - Supertex, Inc TC6320K6-G Datasheet HTML 5Page - Supertex, Inc TC6320K6-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TC6320
Supertex inc.
www.supertex.com
Doc.# DSFP-TC6320
D012913
Pin Configurations
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
C6320
LLLL
8-Lead SOIC
(top view)
8-Lead SOIC
Package Marking
8-Lead DFN
(top view)
6320
YWLL
Y = Last Digit of Year Sealed
W = Code for Week Sealed
L = Lot Number
= “Green” Packaging
8-Lead DFN
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
8
7
6
5
1
2
3
4
SN
GN
GP
SP
DN
DN
DP
DP
DN
DP
S1
G1
S2
G2
D1
D1
D2
D2
1
2
3
4
8
7
6
5
N-Channel
P-Channel
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
DRAIN-to-SOURCE voltage
BV
DSS
DRAIN-to-GATE voltage
BV
DGS
Operating and storage temperature
-55°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
Typical Thermal Resistance
Package
θ
ja
8-Lead DFN
44OC/W
8-Lead SOIC
101OC/W
Note:
1.0oz, 4-layer, 3”x4” PCB
Ordering Information
Part Number
Package Option
Packing
TC6320K6-G
8-Lead DFN (4x4)
3000/Reel
TC6320TG-G
8-Lead SOIC
2000/Reel
Product Summary
BV
DSS/BVDGS
(V)
R
DS(ON)
(max) (Ω)
N-Channel
P-Channel
N-Channel
P-Channel
200
-200
7.0
8.0


유사한 부품 번호 - TC6320K6-G

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
   N- and P-Channel Enhancement-Mode MOSFET Pair
More results

유사한 설명 - TC6320K6-G

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC6321 MICROCHIP-TC6321 Datasheet
427Kb / 26P
   N- and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
logo
Supertex, Inc
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
   N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320 SUTEX-TC6320 Datasheet
116Kb / 3P
   N- and P-Channel Enhancement-Mode MOSFET Pair
logo
Microchip Technology
TC6320 MICROCHIP-TC6320 Datasheet
596Kb / 14P
   N-Channel and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
logo
Supertex, Inc
TC8220 SUTEX-TC8220 Datasheet
585Kb / 6P
   Two Pair, N- and P-Channel Enhancement-Mode MOSFET
TC7320 SUTEX-TC7320 Datasheet
218Kb / 5P
   Six Pair N- and P-Channel Enhancement-Mode MOSFET
TC8020 SUTEX-TC8020 Datasheet
684Kb / 8P
   Six Pair, N- and P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPC6606 SYNC-POWER-SPC6606 Datasheet
590Kb / 9P
   N and P Pair Enhancement Mode MOSFET
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533W SYNC-POWER-SPC4533W Datasheet
370Kb / 10P
   N & P Pair Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com