전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP2104N3-G 데이터시트(PDF) 5 Page - Supertex, Inc

부품명 TP2104N3-G
상세설명  P-Channel Enhancement Mode Vertical DMOS FETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUTEX [Supertex, Inc]
홈페이지  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2104N3-G 데이터시트(HTML) 5 Page - Supertex, Inc

  TP2104N3-G Datasheet HTML 1Page - Supertex, Inc TP2104N3-G Datasheet HTML 2Page - Supertex, Inc TP2104N3-G Datasheet HTML 3Page - Supertex, Inc TP2104N3-G Datasheet HTML 4Page - Supertex, Inc TP2104N3-G Datasheet HTML 5Page - Supertex, Inc TP2104N3-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
TP2104
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
3-Lead TO-236AB (SOT-23) Package Outline (K1)
2.90x1.30mm body, 1.12mm height (max), 1.90mm pitch
Symbol
A
A1
A2
b
D
E
E1
e
e1
L
L1
θ
Dimension
(mm)
MIN
0.89
0.01
0.88
0.30
2.80
2.10
1.20
0.95
BSC
1.90
BSC
0.20
0.54
REF
0O
NOM
-
-
0.95
-
2.90
-
1.30
0.50
-
MAX
1.12
0.10
1.02
0.50
3.04
2.64
1.40
0.60
8O
JEDEC Registration TO-236, Variation AB, Issue H, Jan. 1999.
† This dimension is a non-JEDEC dimension.
Drawings not to scale.
Supertex Doc.#: DSPD-3TO236ABK1, Version B072208.
View B
View A - A
Side View
Top View
View B


유사한 부품 번호 - TP2104N3-G

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
TP2104N3-G SUTEX-TP2104N3-G Datasheet
579Kb / 6P
   P-Channel Enhancement Mode Vertical DMOS FETs
More results

유사한 설명 - TP2104N3-G

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs????
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP0610T-G SUTEX-TP0610T-G Datasheet
656Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
   P- Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com