전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD74HC4020 데이터시트(PDF) 5 Page - Hitachi Semiconductor

부품명 HD74HC4020
상세설명  14-stage Binary Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC4020 데이터시트(HTML) 5 Page - Hitachi Semiconductor

  HD74HC4020 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC4020 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC4020 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC4020 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC4020 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC4020 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC4020 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC4020 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC4020 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74HC4020
5
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Maximum clock
f
max
2.0
5
4
MHz
frequency
4.5
25
20
6.0
29
24
Propagation delay t
PLH
2.0
175 —
220
ns
Clock to Q
1
time
t
PHL
4.5
14
35
44
6.0
30
37
t
PLH
2.0
175 —
220
ns
Clock to Q
1
t
PHL
4.5
14
35
44
6.0
30
37
t
PLH
2.0
200 —
250
ns
Reset to output
t
PHL
4.5
18
40
50
6.0
34
43
t
PLH
2.0
100 —
125
ns
Q
n to Q n – 1
t
PHL
4.5
20
25
6.0
17
21
Removal time
t
rem
2.0
100 —
125
ns
4.5
20
6
25
6.0
17
21
Pulse width
t
w
2.0
80
100
ns
4.5
16
4
20
6.0
14
17
Output rise/fall
t
TLH
2.0
75
95
ns
time
t
THL
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF


유사한 부품 번호 - HD74HC4020

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020 Datasheet
94Kb / 7P
   14-stage Binary Counter
HD74HC4020FPEL RENESAS-HD74HC4020FPEL Datasheet
94Kb / 7P
   14-stage Binary Counter
HD74HC4020FPEL RENESAS-HD74HC4020FPEL Datasheet
114Kb / 9P
   14-stage Binary Counter
HD74HC4020P RENESAS-HD74HC4020P Datasheet
94Kb / 7P
   14-stage Binary Counter
HD74HC4020P RENESAS-HD74HC4020P Datasheet
114Kb / 9P
   14-stage Binary Counter
More results

유사한 설명 - HD74HC4020

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
   14-stage Binary Counter
logo
NXP Semiconductors
HEF4020B PHILIPS-HEF4020B Datasheet
61Kb / 6P
   14-stage binary counter
January 1995
logo
STMicroelectronics
M74HC4020 STMICROELECTRONICS-M74HC4020 Datasheet
364Kb / 11P
   14 STAGE BINARY COUNTER
logo
NXP Semiconductors
HEF4020BP652 PHILIPS-HEF4020BP652 Datasheet
109Kb / 14P
   14-stage binary counter
Rev. 8-18 November 2011
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020 Datasheet
94Kb / 7P
   14-stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4060 HITACHI-HD74HC4060 Datasheet
52Kb / 9P
   14-stage Binary Counter
logo
Fairchild Semiconductor
MM74HC4060 FAIRCHILD-MM74HC4060 Datasheet
84Kb / 8P
   14 Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020_15 Datasheet
114Kb / 9P
   14-stage Binary Counter
logo
Nexperia B.V. All right...
HEF4020B-Q100 NEXPERIA-HEF4020B-Q100 Datasheet
206Kb / 11P
   14-stage binary counter
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com