전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSTU6800WM 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FSTU6800WM
상세설명  10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU6800WM 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FSTU6800WM Datasheet HTML 1Page - Fairchild Semiconductor FSTU6800WM Datasheet HTML 2Page - Fairchild Semiconductor FSTU6800WM Datasheet HTML 3Page - Fairchild Semiconductor FSTU6800WM Datasheet HTML 4Page - Fairchild Semiconductor FSTU6800WM Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The Recommended Operating Conditions tables will define the conditions
for actual device operation.
Note 2: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 3: Unused control inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 4: Measured by the voltage drop between A and B pins at the indicated current through the switch. On resistance is determined by the lower of the
voltages on the two (A or B) pins.
Note 5: Typical values are at VCC = 5.0V and TA= +25°C
Supply Voltage (VCC)
−0.5V to +7.0V
DC Switch Voltage (VS)
−2.0V to +7.0V
Bias V Voltage Range
−0.5V to +7.0V
DC Input Voltage (VIN) (Note 2)
−0.5V to +7.0V
DC Input Diode Current (lIK) VIN< 0V
−50mA
DC Output (IOUT) Sink Current
128mA
DC VCC/GND Current (ICC/IGND)
+/− 100mA
Storage Temperature Range (TSTG)
−65°C to +150 °C
Power Supply Operating (VCC)
4.0V to 5.5V
Precharge Supply (BiasV)
1.5V to VCC
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)0V to 5.5V
Input Rise and Fall Time (tr, tf)
Switch Control Input
0 nS/V to 5 nS/V
Switch I/O
0nS/V to DC
Free Air Operating Temperature (TA)
−40 °C to +85 °C
Symbol
Parameter
VCC
(V)
TA = −40 °C to +85 °C
Units
Conditions
Min
Typ
(Note 5)
Max
VIK
Clamp Diode Voltage
4.5
−1.2
V
IIN = −18mA
VIH
HIGH Level Input Voltage
4.0–5.5
2.0
V
VIL
LOW Level Input Voltage
4.0–5.5
0.8
V
II
Input Leakage Current
5.5
±1.0
µA0 ≤ V
IN ≤ 5.5V
IO
Output Current
4.5
0.25
mA
BiasV
= 2.4V, B = 0
IOZ
OFF-STATE Leakage Current
5.5
±1.0
µA0 ≤ A ≤ V
CC, VIN = VIH
RON
Switch On Resistance
4.5
4
7
VS = 0V, IIN = 64 mA
(Note 4)
4.5
4
7
VS = 0V, IIN = 30 mA
4.5
8
15
VS = 2.4V, IIN = 15 mA
4.0
11
20
VS = 2.4V, IIN = 15 mA
ICC
Quiescent Supply Current
5.5
3
µAV
S = VCC or GND, IOUT = 0
∆ I
CC
Increase in ICC per Input
5.5
2.5
mA
OE input at 3.4V
Other inputs at VCC or GND
IBIAS
Bias Pin Leakage Current
5.5
±1.0
µAOE = 0V, B = 0V, BiasV = 5.5V
IOZU
Switch Undershoot Current
5.5
100
µAI
IN = −20 mA, OE = 5.5V, VOUT ≥ VIH
VIKU
Voltage Undershoot
5.5
−2.0
V
0.0 mA
≥ I
IN ≥ −50 mA, OE = 5.5V


유사한 부품 번호 - FSTU6800WM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSTU6800WM FAIRCHILD-FSTU6800WM Datasheet
181Kb / 5P
   10-Bit Bus Switch with Pre-Charged Outputs and −2V Undershoot Hardened Circuit (UHC) Protection
FSTU6800WM FAIRCHILD-FSTU6800WM Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
More results

유사한 설명 - FSTU6800WM

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Fairchild Semiconductor
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
   10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
logo
Texas Instruments
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Texas Instruments
SN74CBT6800C TI1-SN74CBT6800C Datasheet
816Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS WITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16811C TI-SN74CBT16811C Datasheet
187Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16800C TI1-SN74CBT16800C Datasheet
498Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT6845C TI-SN74CBT6845C Datasheet
679Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com