전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NES2527B-30 데이터시트(PDF) 3 Page - NEC

부품명 NES2527B-30
상세설명  30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NES2527B-30 데이터시트(HTML) 3 Page - NEC

  NES2527B-30 Datasheet HTML 1Page - NEC NES2527B-30 Datasheet HTML 2Page - NEC NES2527B-30 Datasheet HTML 3Page - NEC NES2527B-30 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NES2527B-30
TYPICAL CHARACTERISTICS (TA = 25 °C)
45
40
35
25
30
35
OUTPUT POWER, DRAIN CURRENT AND EFFICIENCY vs INPUT POWER
15.0
10.0
5.0
80
70
60
50
40
30
Pin - Input Power - dBm
TEST CONDITIONS
Freq = 2.5 (GHz)
VDS = 10.0 (V)
IDS = 6.0 (A)
Rg = 0 (
Ω)
POUT
EFF
ID
45
40
35
25
30
35
OUTPUT POWER, DRAIN CURRENT AND EFFICIENCY vs INPUT POWER
15.0
10.0
5.0
80
70
60
50
40
30
Pin - Input Power - dBm
TEST CONDITIONS
Freq = 2.7 (GHz)
VDS = 10.0 (V)
IDS = 6.0 (A)
Rg = 0 (
Ω)
POUT
EFF
ID


유사한 부품 번호 - NES2527B-30

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
NES2527B-30 RENESAS-NES2527B-30 Datasheet
170Kb / 6P
   GaAs MES FET
1997
More results

유사한 설명 - NES2527B-30

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE650R479A NEC-NE650R479A Datasheet
79Kb / 8P
   0.4 W L, S-BAND POWER GaAs MES FET
NES1823P-30 NEC-NES1823P-30 Datasheet
51Kb / 8P
   30 W L-S BAND PUSH-PULL POWER GaAs MES FET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com