전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E-ULN2003A 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 E-ULN2003A
상세설명  Seven Darlington array
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-ULN2003A 데이터시트(HTML) 1 Page - STMicroelectronics

  E-ULN2003A Datasheet HTML 1Page - STMicroelectronics E-ULN2003A Datasheet HTML 2Page - STMicroelectronics E-ULN2003A Datasheet HTML 3Page - STMicroelectronics E-ULN2003A Datasheet HTML 4Page - STMicroelectronics E-ULN2003A Datasheet HTML 5Page - STMicroelectronics E-ULN2003A Datasheet HTML 6Page - STMicroelectronics E-ULN2003A Datasheet HTML 7Page - STMicroelectronics E-ULN2003A Datasheet HTML 8Page - STMicroelectronics E-ULN2003A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
June 2012
Doc ID 5279 Rev 8
1/16
16
ULN2001, ULN2002
ULN2003, ULN2004
Seven Darlington array
Datasheet
production data
Features
Seven Darlingtons per package
Output current 500 mA per driver (600 mA
peak)
Output voltage 50 V
Integrated suppression diodes for inductive
loads
Outputs can be paralleled for higher current
TTL/CMOS/PMOS/DTL compatible inputs
Inputs pinned opposite outputs to simplify
layout
Description
The ULN2001, ULN2002, ULN2003 and ULN
2004 are high voltage, high current Darlington
arrays each containing seven open collector
Darlington pairs with common emitters. Each
channel rated at 500 mA and can withstand peak
currents of 600 mA. Suppression diodes are
included for inductive load driving and the inputs
are pinned opposite the outputs to simplify board
layout.
The versions interface to all common logic
families:
– ULN2001 (general purpose, DTL, TTL,
PMOS, CMOS)
– ULN2002 (14 - 25 V PMOS)
– ULN2003 (5 V TTL, CMOS)
– ULN2004 (6 - 15 V CMOS, PMOS)
These versatile devices are useful for driving a
wide range of loads including solenoids, relays
DC motors, LED displays filament lamps, thermal
printheads and high power buffers.
The ULN2001A/2002A/2003A and 2004A are
supplied in 16 pin plastic DIP packages with a
copper leadframe to reduce thermal resistance.
They are available also in small outline package
(SO-16) as ULN2001D1/2002D1/2003D1/
2004D1
DIP-16
SO-16
(Narrow)
Table 1.
Device summary
Order codes
ULN2001A
ULN2001D1013TR
ULN2002A
ULN2002D1013TR
ULN2003A
ULN2003D1013TR
ULN2004A
ULN2004D1013TR
www.st.com


유사한 부품 번호 - E-ULN2003A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
E-UC2843BN STMICROELECTRONICS-E-UC2843BN Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3842BN STMICROELECTRONICS-E-UC3842BN Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3844BN STMICROELECTRONICS-E-UC3844BN Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
List of Unclassifed Man...
E-UF80 ETC2-E-UF80 Datasheet
862Kb / 14P
   STEILE HF-PENTODE
More results

유사한 설명 - E-ULN2003A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ULN200XA STMICROELECTRONICS-ULN200XA Datasheet
163Kb / 14P
   Seven darlington array
ULQ2001 STMICROELECTRONICS-ULQ2001_08 Datasheet
604Kb / 14P
   Seven Darlington array
ULQ200XA STMICROELECTRONICS-ULQ200XA Datasheet
210Kb / 13P
   Seven darlington array
ULN200XA STMICROELECTRONICS-ULN200XA_07 Datasheet
605Kb / 14P
   Seven darlington array
ULN2001 STMICROELECTRONICS-ULN2001_12 Datasheet
930Kb / 16P
   Seven Darlington array
ULN2004A STMICROELECTRONICS-ULN2004A Datasheet
930Kb / 16P
   Seven Darlington array
logo
Silicon Standard Corp.
SS62003 SSC-SS62003 Datasheet
193Kb / 5P
   Seven-Channel Darlington Array
logo
STMicroelectronics
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
   SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
   SEVEN DARLINGTON ARRAYS
February 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com