전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC230 데이터시트(PDF) 1 Page - Allied Components International

부품명 TC230
상세설명  Toroidal Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLIED [Allied Components International]
홈페이지  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

TC230 데이터시트(HTML) 1 Page - Allied Components International

  TC230 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Low Magnetic Radiation
• Low Core Loss
• High current capacity up to 20A
Electrical
Inductance Range: 10µh to 1000µh
Additional values available
Tolerance: 15% over entire range
( )TC230-100L-RC
( )TC230-120L-RC
( )TC230-150L-RC
( )TC230-180L-RC
( )TC230-220L-RC
( )TC230-270L-RC
( )TC230-330L-RC
( )TC230-390L-RC
( )TC230-470L-RC
( )TC230-560L-RC
( )TC230-680L-RC
( )TC230-101L-RC
( )TC230-121L-RC
( )TC230-151L-RC
( )TC230-181L-RC
( )TC230-221L-RC
( )TC230-271L-RC
( )TC230-331L-RC
( )TC230-391L-RC
( )TC230-471L-RC
( )TC230-561L-RC
( )TC230-681L-RC
( )TC230-821L-RC
( )TC230-102L-RC
Allied
Part
Number
Inductance
(
µH)
L(µH)
@
I rated
IDC
(A)
DIM
(Nom)
10
12
15
18
22
27
33
39
47
56
68
100
121
150
180
220
270
330
390
471
560
680
820
1000
20.0
19.1
18.0
17.2
16.4
15.6
11.7
11.2
10.7
10.2
7.7
7.0
6.7
5.0
4.8
5.8
5.5
5.2
5.0
3.8
3.6
3.4
2.6
2.4
1.18
1.18
1.18
1.18
1.18
1.18
1.14
1.14
1.14
1.14
1.13
1.13
1.13
1.12
1.12
1.17
1.17
1.17
1.17
1.16
1.16
1.16
1.14
1.14
.066
.066
.066
.066
.066
.066
.053
.053
.053
.053
.042
.042
.042
.034
.034
.042
.042
.042
.042
.034
.034
.034
.027
.027
Please specify Vertical or Horizontal Mount by placing a V or H at the beginning of the part number,
i.e. VTC230-100L (Vertical Mount). All specifications subject to change without notice.
DCR
(Ω)
6.7
7.8
9.5
11.1
13.2
15.7
21.3
24.7
29.0
33.7
45.2
63.1
73.9
101.4
118.9
123.8
147.2
174.1
200.2
271.4
314.8
370.7
500.9
593.6
.56
.56
.56
.56
.56
.56
.53
.53
.53
.53
.52
.52
.52
.51
.51
.56
.56
.56
.56
.54
.54
.54
.53
.53
.005
.005
.006
.006
.007
.008
.013
.014
.016
.017
.030
.037
.040
.071
.078
.054
.060
.067
.072
.130
.140
.150
.270
.300
Tolerance
(%)
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
Toroidal Chokes
TC230
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Vertical Mount
Horizontal Mount
0.65
(16.51)
MAX
A
B
C
1.28
(32.51)
MAX
Dimensions:
Inches
(mm)
Tin lead to coil
0.50
(12.70)
• Available in Horizontal or Vertical configuration
• Optional Tape Cover
Test Frequency: 1KHz
Operating Temp: -55ºC ~ +105ºC
Temp Rise:
∆ T=30ºC Typical at rated IDC
Test Equipment
(L): 100 LCR meter or equivalent
DCR: Chen Hwa 502
Physical
Packaging: Bulk
Marking: None
REVISED 8/7/09
@ 1KHZ
MAX
A
DIM
(Nom)
B
DIM
(Nom)
C


유사한 부품 번호 - TC230

제조업체부품명데이터시트상세설명
logo
Allied Components Inter...
TC230-100L-RC ALLIED-TC230-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC230-101L-RC ALLIED-TC230-101L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC230-102L-RC ALLIED-TC230-102L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC230-120L-RC ALLIED-TC230-120L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC230-121L-RC ALLIED-TC230-121L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
More results

유사한 설명 - TC230

제조업체부품명데이터시트상세설명
logo
Allied Components Inter...
VTCB210-100L-RC ALLIED-VTCB210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC100-1R0M-RC ALLIED-TC100-1R0M-RC Datasheet
377Kb / 1P
   Toroidal Chokes
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
   Toroidal Chokes
VTC0690 ALLIED-VTC0690 Datasheet
215Kb / 1P
   Toroidal Chokes
VTC570 ALLIED-VTC570 Datasheet
1Mb / 1P
   Toroidal Chokes
TC100 ALLIED-TC100 Datasheet
378Kb / 1P
   Toroidal Chokes
TC230-100L-RC ALLIED-TC230-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
VTCB210 ALLIED-VTCB210 Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC_10 Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1,023Kb / 1P
   Toroidal Chokes
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com