전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NEZ4450-4D 데이터시트(PDF) 9 Page - NEC

부품명 NEZ4450-4D
상세설명  4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NEZ4450-4D 데이터시트(HTML) 9 Page - NEC

Back Button NEZ4450-4D Datasheet HTML 5Page - NEC NEZ4450-4D Datasheet HTML 6Page - NEC NEZ4450-4D Datasheet HTML 7Page - NEC NEZ4450-4D Datasheet HTML 8Page - NEC NEZ4450-4D Datasheet HTML 9Page - NEC NEZ4450-4D Datasheet HTML 10Page - NEC NEZ4450-4D Datasheet HTML 11Page - NEC NEZ4450-4D Datasheet HTML 12Page - NEC NEZ4450-4D Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
4W/8W C-BAND Power-GaAs FET NEZ Series
Test Conditions:
Freq = 7.4 (GHz),
VDS = 10.0 (V),
IDS = 1.6 (A)
Pout: Pin = 33.5 (dBm),
GL: Pin = 23.0 (dBm),
Rg = 100 (
Ω)
OUTPUT POWER vs. INPUT POWER
Pout
(dBm)
20
Pin - Input Power - dBm
35
30
25
ID
(A)
3
2
1
0
EFF
(%)
25
30
ID
EFF
Pout
Test Conditions:
Freq = 8.1 (GHz),
VDS = 10.0 (V),
ID = 0.8 (A)
Rg = 200 (
Ω)
OUTPUT POWER vs. INPUT POWER
Pout
(dBm)
20
Pin - Input Power - dBm
35
30
25
ID
(A)
3
2
1
0
EFF
(%)
25
30
50
40
30
20
10
0
35
NEZ7177-8D/8DD
ID
EFF
Pout
OUTPUT POWER vs. INPUT POWER
Pout
(dBm)
20
Pin - Input Power - dBm
40
35
30
ID
(A)
3
2
1
0
EFF
(%)
25
30
50
40
30
20
10
0
25
35
Test Conditions:
Freq = 8.1 (GHz),
VDS = 10.0 (V),
ID = 1.6 (A)
Rg = 100 (
Ω)
50
40
30
20
10
0
40
Pout
ID
EFF
NEZ7785-4D/4DD
NEZ7785-8D/8DD


유사한 부품 번호 - NEZ4450-4D

제조업체부품명데이터시트상세설명
logo
NEC
NEZ4450-4B NEC-NEZ4450-4B Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
NEZ4450-4BD NEC-NEZ4450-4BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
More results

유사한 설명 - NEZ4450-4D

제조업체부품명데이터시트상세설명
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com