전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NEZ5964-15D 데이터시트(PDF) 3 Page - NEC

부품명 NEZ5964-15D
상세설명  15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

NEZ5964-15D 데이터시트(HTML) 3 Page - NEC

  NEZ5964-15D Datasheet HTML 1Page - NEC NEZ5964-15D Datasheet HTML 2Page - NEC NEZ5964-15D Datasheet HTML 3Page - NEC NEZ5964-15D Datasheet HTML 4Page - NEC NEZ5964-15D Datasheet HTML 5Page - NEC NEZ5964-15D Datasheet HTML 6Page - NEC NEZ5964-15D Datasheet HTML 7Page - NEC NEZ5964-15D Datasheet HTML 8Page - NEC NEZ5964-15D Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
15 W C-BAND Po GaAs FET NEZ SERIES
3
15W PERFORMANCE SPECIFICATIONS (TA = 25 ˚C, Zs = ZL = 50
Ω)
p1dB
GL
IDS
∆GL
IM3
ηadd
TEST CONDITIONS
PART NUMBER
(dBm)
(dB)
(A)
(dB)
(dBc)
(%)
VDS
IDS
FREQUENCY
IM3 TEST
*1
*2
*3,4
*4
*5
BAND
FREQ.
MIN.
TYP.
MIN.
TYP.
TYP. MAX. MAX. TYP. MAX. TYP.
(V)
(A)
(GHz)
(GHz)*6
NEZ3642-15D
41.5
42.5
9.0
10.0
4.8
6.0
35
10
4.0
3.6 to 4.2
NEZ3642-15DD
41.5
42.5
9.0
10.0
4.8
6.0
1.0
–42
35
10
4.0
3.6 to 4.2
4.2
NEZ4450-15D
41.5
42.5
9.0
10.0
4.8
6.0
35
10
4.0
4.4 to 5.0
NEZ4450-15DD
41.5
42.5
9.0
10.0
4.8
6.0
1.0
–42
35
10
4.0
4.4 to 5.0
5.0
NEZ5964-15D
41.5
42.5
8.0
9.0
4.8
6.0
33
10
4.0
5.9 to 6.45
NEZ5964-15DD
41.5
42.5
8.0
9.0
4.8
6.0
1.0
–42
33
10
4.0
5.9 to 6.45
6.45
NEZ6472-15D
41.5
42.5
6.5
7.5
4.8
6.0
31
10
4.0
6.4 to 7.2
NEZ6472-15DD
41.5
42.5
6.5
7.5
4.8
6.0
1.0
–42
31
10
4.0
6.4 to 7.2
7.2
NEZ7785-15D
41.5
42.5
6.0
7.0
4.8
6.0
27
10
4.0
7.7 to 8.5
Notes *1
Output power at 1 dB gain compression point
*2
IDS values are specified at P1dB point.
*3
Gain flatness
*4
Applies to –15DD option only
*5
RF OFF
*6
IM3 test conditions:
∆ f = 10 MHz, 2 tones test, PO = 31.5 dBm (single carrier level)
MAXIMUM OPERATING LIMITS
Rg max. (
Ω)VDS max. (V)
50
10
Rg max is the maximum series resistance between the gate supply and the FET gate.


유사한 부품 번호 - NEZ5964-15D

제조업체부품명데이터시트상세설명
logo
NEC
NEZ5964-15B NEC-NEZ5964-15B Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
NEZ5964-15BD NEC-NEZ5964-15BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
More results

유사한 설명 - NEZ5964-15D

제조업체부품명데이터시트상세설명
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-4D NEC-NEZ3642-4D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com