전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB2518T681 데이터시트(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

부품명 LB2518T681
상세설명  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
홈페이지  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB2518T681 데이터시트(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LB2518T681 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LB2518T681 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LB2518T681 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LB2518T681 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LB2518T681 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LB2518T681 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LB2518T681 Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LB2518T681 Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LB2518T681 Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
12
wound0103_reli-PRP1
wound0103_reli_e-01
PACKAGING
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
②Tape material
③Taping Dimensions
Embossed Tape(0.315 inches wide)
Card board carrier tape(0.315 inches wide)
Type
Chip cavity
Insertion pitch
Tape thickness
A
B
F
T
K
LBM 2016
1.75±0.1
(0.069±0.004)
2.1±0.1
(0.083±0.004)
4.0±0.1
(0.157±0.004)
0.3±0.05
(0.012±0.002)
1.9max.
(0.075max.)
LEM 2520
2.3±0.1
(0.091±0.004)
2.7±0.1
(0.106±0.004)
4.0±0.1
(0.157±0.004)
0.3±0.05
(0.012±0.002)
2.1±0.1
(0.083±0.004)
LBC3225/
CBC3225
2.8±0.1
(0.110±0.004)
3.5±0.1
(0.138±0.004)
4.0±0.1
(0.157±0.004)
0.3±0.05
(0.012±0.002)
4.0max.
(0.157max.)
LB3218
2.1±0.1
(0.083±0.004)
3.5±0.1
(0.138±0.004)
4.0±0.1
(0.157±0.004)
0.3±0.05
(0.012±0.002)
2.2max.
(0.087max.)
LB2518 / CB2518
LBC2518 / CBC2518
LBR2518
2.15±0.1
(0.085±0.004)
2.7±0.1
(0.106±0.004)
4.0±0.1
(0.157±0.004)
0.3±0.05
(0.012±0.002)
2.2max.
(0.087max.)
LB2016/ CB2016
LBC2016 / CBC2016
1.75±0.1
(0.069±0.004)
2.1±0.1
(0.083±0.004)
4.0±0.1
(0.157±0.004)
0.3±0.05
(0.012±0.002)
1.9max.
(0.075max.)
LB2012 / CB2012
LBC2012 / CBC2012
LBR2012
1.45±0.1
(0.057±0.004)
2.25±0.1
(0.089±0.004)
4.0±0.1
(0.157±0.004)
0.25±0.05
(0.010±0.002)
1.45max.
(0.057max.)
CBL2012
1.55±0.1
(0.061±0.004)
2.3±0.1
(0.091±0.004)
4.0±0.1
(0.157±0.004)
1.1max.
(0.043max.)
1.1max.
(0.043max.)
LB1608
1.0±0.1
(0.039±0.004)
1.8±0.1
(0.071±0.004)
4.0±0.1
(0.157±0.004)
1.1max.
(0.043max.)
1.1max.
(0.043max.)
LBMF1608 /
CBMF1608
1.1±0.1
(0.043±0.004)
1.9±0.1
(0.075±0.004)
4.0±0.1
(0.157±0.004)
0.25±0.05
(0.010±0.002)
1.2max.
(0.047max.)
Unit:mm(inch)
①Minimum Quantity
Type
Standard Quantity[pcs]
Papar Tape
Embossed Tape
LBC3225/CBC3225
1000
LB3218
2000
LBR2518/LBC2518/LB251
/CB2518/CBC2518/LEM2520
2000
LBM2016/LBC2016/
LB2016/CB2016/CBC2016
2000
LB2012/LBC2012/LBR202
/CB2012/CBC2012
3000
CBL2012
4000
LB1608
4000
LBMF1608/CBMF1608
3000
Embossed tape
④Leader and Blank Portion
(10 pitches or more)
(10 pitches or more)
(5.9 inches or more)
150mm or more
⑤Reel Size
The top tape requires a peel-off force 0.2 to 0.7N in the direction of the arrow as
illustrated below.
⑥Top Tape Strength
Pull direction
10.0±1.5
(0.394±0.059)
2.5 max
(0.098)


유사한 부품 번호 - LB2518T681

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
LB2518T681 TAIYO-YUDEN-LB2518T681 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LB2518T681 TAIYO-YUDEN-LB2518T681 Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LB2518T681 TAIYO-YUDEN-LB2518T681 Datasheet
651Kb / 14P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB2518T681K TAIYO-YUDEN-LB2518T681K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T681K TAIYO-YUDEN-LB2518T681K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results

유사한 설명 - LB2518T681

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T471M TAIYO-YUDEN-LB2518T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T2R2M TAIYO-YUDEN-LB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T4R7M TAIYO-YUDEN-LB2518T4R7M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T102K TAIYO-YUDEN-LB3218T102K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T221K TAIYO-YUDEN-LB3218T221K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T470M TAIYO-YUDEN-LB3218T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T471M TAIYO-YUDEN-LB3218T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com