전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4002 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 1N4002
상세설명  Axial Lead Standard Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N4002 데이터시트(HTML) 4 Page - ON Semiconductor

  1N4002 Datasheet HTML 1Page - ON Semiconductor 1N4002 Datasheet HTML 2Page - ON Semiconductor 1N4002 Datasheet HTML 3Page - ON Semiconductor 1N4002 Datasheet HTML 4Page - ON Semiconductor 1N4002 Datasheet HTML 5Page - ON Semiconductor 1N4002 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1N4001, 1N4002, 1N4003, 1N4004, 1N4005, 1N4006, 1N4007
http://onsemi.com
4
ORDERING INFORMATION
Device
Package
Shipping
1N4001
Axial Lead*
1000 Units/Bag
1N4001G
Axial Lead*
(Pb−Free)
1000 Units/Bag
1N4001FF
Axial Lead*
3000 Units/Box
1N4001FFG
Axial Lead*
(Pb−Free)
3000 Units/Box
1N4001RL
Axial Lead*
5000/Tape & Reel
1N4001RLG
Axial Lead*
(Pb−Free)
5000/Tape & Reel
1N4002
Axial Lead*
1000 Units/Bag
1N4002G
Axial Lead*
(Pb−Free)
1000 Units/Bag
1N4002FF
Axial Lead*
3000 Units/Box
1N4002FFG
Axial Lead*
(Pb−Free)
3000 Units/Box
1N4002RL
Axial Lead*
5000/Tape & Reel
1N4002RLG
Axial Lead*
(Pb−Free)
5000/Tape & Reel
1N4003
Axial Lead*
1000 Units/Bag
1N4003G
Axial Lead*
(Pb−Free)
1000 Units/Bag
1N4003FF
Axial Lead*
3000 Units/Box
1N4003FFG
Axial Lead*
(Pb−Free)
3000 Units/Box
1N4003RL
Axial Lead*
5000/Tape & Reel
1N4003RLG
Axial Lead*
(Pb−Free)
5000/Tape & Reel
1N4004
Axial Lead*
1000 Units/Bag
1N4004G
Axial Lead*
(Pb−Free)
1000 Units/Bag
1N4004FF
Axial Lead*
3000 Units/Box
1N4004FFG
Axial Lead*
(Pb−Free)
3000 Units/Box
1N4004RL
Axial Lead*
5000/Tape & Reel
1N4004RLG
Axial Lead*
(Pb−Free)
5000/Tape & Reel
1N4005
Axial Lead*
1000 Units/Bag
1N4005G
Axial Lead*
(Pb−Free)
1000 Units/Bag
1N4005FF
Axial Lead*
3000 Units/Box
1N4005FFG
Axial Lead*
(Pb−Free)
3000 Units/Box
1N4005RL
Axial Lead*
5000/Tape & Reel
1N4005RLG
Axial Lead*
(Pb−Free)
5000/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


유사한 부품 번호 - 1N4002

제조업체부품명데이터시트상세설명
logo
First Silicon Co., Ltd
1N4002 FS-1N4002 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
ON Semiconductor
1N4002 ONSEMI-1N4002 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4002 EIC-1N4002 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
More results

유사한 설명 - 1N4002

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
1N5400 ONSEMI-1N5400 Datasheet
42Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 6
1N5400 ONSEMI-1N5400_08 Datasheet
120Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
1N4001 ONSEMI-1N4001 Datasheet
30Kb / 4P
   Axial Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 9
1N4001 ONSEMI-1N4001_05 Datasheet
45Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N4001 ONSEMI-1N4001_12 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
1N4007 ONSEMI-1N4007 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
logo
NTE Electronics
NTE5800 NTE-NTE5800 Datasheet
17Kb / 2P
   Axial Lead Standard Recovery Silicon Rectifiers, 3 Amp
logo
New Jersey Semi-Conduct...
MR501 NJSEMI-MR501 Datasheet
114Kb / 2P
   MINIATURE SIZE, AXIAL LEAD MOUNTED STANDARD RECOVERY POWER RECTIFIERS
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_06 Datasheet
57Kb / 6P
   Axial?묹ead Standard Recovery Rectifiers
December, 2006 ??Rev. 9
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com