전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY880-1400 데이터시트(PDF) 2 Page - Diotec Semiconductor

부품명 BY880-1400
상세설명  Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOTEC [Diotec Semiconductor]
홈페이지  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BY880-1400 데이터시트(HTML) 2 Page - Diotec Semiconductor

  BY880-1400 Datasheet HTML 1Page - Diotec Semiconductor BY880-1400 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BY880-50 ... BY880-1400
Characteristics
Kennwerte
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 8 A
VF
< 1.1 V
Leakage current – Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 5 µA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 20 K/W 1)
Thermal resistance junction to leads
Wärmewiderstand Sperrschicht – Anschlussdraht
RthL 2)
< 4 K/W
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
2
In some standards, measurement of “case temperature” TC is required. For that, measure lead temperature TL and set TC = TL and
RthC = RthL
In einigen Normen wird die Messung der “Gehäusetemperatur” TC verlangt. In diesem Fall ist die Anschlussdrahttemperatur TL zu
messen und folgende Ersetzung vorzunehmen: TC = TL and RthC = RthL
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
10
10
10
1
10
3
2
-1
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
300a-(5a-1v)
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
10
1
3
2
[A]
î
F
1
10
10
[n]
10
2
3


유사한 부품 번호 - BY880-1400

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
BY880-1400 DIOTEC-BY880-1400 Datasheet
138Kb / 2P
   Standard Recovery Rectifier Diodes
More results

유사한 설명 - BY880-1400

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
1N5391 DIOTEC-1N5391_09 Datasheet
95Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
P2500T DIOTEC-P2500T_13 Datasheet
105Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
1N5400 DIOTEC-1N5400_13 Datasheet
97Kb / 2P
   Silicon Rectifier Diodes . Silizium-Gleichrichterdioden
P600A DIOTEC-P600A_11 Datasheet
97Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
PX1500A DIOTEC-PX1500A Datasheet
98Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
1N4001 DIOTEC-1N4001_09 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
BYW27-50 DIOTEC-BYW27-50_09 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
1N5059 DIOTEC-1N5059_14 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
6A05 DIOTEC-6A05_13 Datasheet
91Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
10A05 DIOTEC-10A05_13 Datasheet
91Kb / 2P
   Silicon Rectifier Diodes . Silizium-Gleichrichterdioden
1N5400 DIOTEC-1N5400_10 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com