전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES1G 데이터시트(PDF) 1 Page - Diotec Semiconductor

부품명 ES1G
상세설명  Superfast Efficient Surface Mount Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOTEC [Diotec Semiconductor]
홈페이지  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ES1G 데이터시트(HTML) 1 Page - Diotec Semiconductor

  ES1G Datasheet HTML 1Page - Diotec Semiconductor ES1G Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES1A ... ES1J
ES1A ... ES1J
Superfast Efficient Surface Mount Rectifier Diodes
Superschnelle Hocheffizienz-Gleichrichterdioden für die Oberflächenmontage
Version 2014-08-22
Dimensions - Maße [mm]
Nominal current – Nennstrom
1 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...600 V
Plastic case
Kunststoffgehäuse
~ SMA
~ DO-214AC
Weight approx. – Gewicht ca.
0.07 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
ES1A
50
50
ES1B
100
100
ES1C
150
150
ES1D
200
200
ES1F
300
300
ES1G
400
400
ES1J
600
600
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
1 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
6 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
30/33 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
4.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 70 K/W 2)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
< 30 K/W
1
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
2
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
Typ
0.15
1± 0.3
4.5± 0.3
5
± 0.2


유사한 부품 번호 - ES1G

제조업체부품명데이터시트상세설명
logo
YENYO TECHNOLOGY Co., L...
ES1G YENYO-ES1G Datasheet
792Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
logo
Pan Jit International I...
ES1G PANJIT-ES1G Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Yangzhou yangjie electr...
ES1G YANGJIE-ES1G Datasheet
155Kb / 2P
   Super Fast Recovery Rectifier Diode
logo
Formosa MS
ES1G FORMOSA-ES1G Datasheet
71Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
ES1G DIODES-ES1G Datasheet
111Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 11 - 2
More results

유사한 설명 - ES1G

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
ES1A DIOTEC-ES1A_13 Datasheet
108Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
ES2A DIOTEC-ES2A_13 Datasheet
102Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
MURS320 DIOTEC-MURS320 Datasheet
125Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
ES1A DIOTEC-ES1A Datasheet
102Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
ES2ASMA DIOTEC-ES2ASMA Datasheet
105Kb / 2P
   Superfast Efficient Surface Mount Rectifier Diodes
ES3A DIOTEC-ES3A_13 Datasheet
103Kb / 2P
   Superfast Efficient Surface Mount Silicon Rectifier Diodes
MUR860 DIOTEC-MUR860 Datasheet
176Kb / 2P
   Superfast Efficient Rectifier Diodes
UFT800A DIOTEC-UFT800A_17 Datasheet
168Kb / 2P
   Superfast Efficient Rectifier Diodes
MUR420L DIOTEC-MUR420L Datasheet
148Kb / 2P
   Superfast Efficient Rectifier Diodes
MUR420L DIOTEC-MUR420L_18 Datasheet
137Kb / 2P
   Superfast Efficient Rectifier Diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com