전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM75056PEL 데이터시트(PDF) 2 Page - Bourns Electronic Solutions

부품명 SM75056PEL
상세설명  SM75056PEL - T1/E1 Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SM75056PEL 데이터시트(HTML) 2 Page - Bourns Electronic Solutions

  SM75056PEL Datasheet HTML 1Page - Bourns Electronic Solutions SM75056PEL Datasheet HTML 2Page - Bourns Electronic Solutions SM75056PEL Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
SM75056PEL - T1/E1 Transformer
Packaging Specifications
01/14
END
START
USER DIRECTION OF FEED
2.0
(.079)
0.4
(.016)
4.0
(.157)
1.75
(.069)
8 °
1.50
(.059)
DIA.
1.50
(.059)
DIA.
6.52
(.257)
11.42
(.450)
16.0
(.630)
11.5
(.453)
24.0
(.945)
MM
(INCHES)
DIMENSIONS:
0.10
(0.004)
TOLERANCES:
600 PCS. PER REEL
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


유사한 부품 번호 - SM75056PEL

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SM75056 BOURNS-SM75056 Datasheet
237Kb / 1P
   T1/E1 Transformer
SM75056E BOURNS-SM75056E Datasheet
237Kb / 1P
   T1/E1 Transformer
SM75056EL BOURNS-SM75056EL Datasheet
237Kb / 1P
   T1/E1 Transformer
SM75056EL BOURNS-SM75056EL Datasheet
261Kb / 1P
   T1/E1 Transformer
More results

유사한 설명 - SM75056PEL

제조업체부품명데이터시트상세설명
logo
PCA ELECTRONICS INC.
EPA3529S PCA-EPA3529S Datasheet
21Kb / 1P
   T1/E1 Transformer
logo
XFMRS Inc.
XF0134-EE5S XFMRS-XF0134-EE5S Datasheet
40Kb / 1P
   T1/E1 TRANSFORMER
logo
Bourns Electronic Solut...
SM75056 BOURNS-SM75056 Datasheet
237Kb / 1P
   T1/E1 Transformer
SM75057 BOURNS-SM75057 Datasheet
237Kb / 1P
   T1/E1 Transformer
SM75056EL BOURNS-SM75056EL Datasheet
261Kb / 1P
   T1/E1 Transformer
PT75161EL BOURNS-PT75161EL_11 Datasheet
248Kb / 1P
   T1/E1 Transformer
logo
PCA ELECTRONICS INC.
EPA3532S PCA-EPA3532S Datasheet
20Kb / 1P
   T1/E1 Transformer
logo
XFMRS Inc.
XF0013B12 XFMRS-XF0013B12 Datasheet
46Kb / 1P
   T1/E1 TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3521S PCA-EPA3521S Datasheet
21Kb / 1P
   T1/E1 Transformer
EPR1421G PCA-EPR1421G Datasheet
39Kb / 1P
   T1/E1 Transformer
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com