전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

W02G 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 W02G
상세설명  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

W02G 데이터시트(HTML) 2 Page - Vishay Siliconix

  W02G Datasheet HTML 1Page - Vishay Siliconix W02G Datasheet HTML 2Page - Vishay Siliconix W02G Datasheet HTML 3Page - Vishay Siliconix W02G Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
W005G, W01G, W02G, W04G, W06G, W08G, W10G
www.vishay.com
Vishay General Semiconductor
Revision: 08-Jul-13
2
Document Number: 88769
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length PCB mounting. PCB size 0.22" x 0.22"
(5.5 mm x 5.5 mm)
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Derating Curve Output Rectified Current
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
Fig. 3 - Typical Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Leakage Characteristics Per Diode
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
W005G
W01G
W02G
W04G
W06G
W08G
W10G
UNIT
Typical thermal resistance (1)
RJA
36
°C/W
RJL
11
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
W06G-E4/51
1.12
51
100
Plastic bag
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
150
60 Hz
Resistive or
Inductive Load
Ambient Temperature (°C)
Capacitive Load
5.0
10
20
=
I
(pk)
I
(AV)
Copper Pads
0.22 x 0.22"
(5.5 x 5.5 mm)
P.C.B.
0.375"
(9.5 mm)
1
0
10
40
50
60
30
20
10
100
Number of Cycles at 60 Hz
T
A = 25 °C
Single Sine-Wave
1.0 Cycle
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
0
20
40
60
80
100
0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 100 °C
T
J = 25 °C


유사한 부품 번호 - W02G

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
W02G PANJIT-W02G Datasheet
49Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Won-Top Electronics
W02G WTE-W02G Datasheet
47Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
W02G ETC2-W02G Datasheet
75Kb / 2P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Won-Top Electronics
W02G WTE-W02G Datasheet
52Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
W02G TSC-W02G Datasheet
73Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
More results

유사한 설명 - W02G

제조업체부품명데이터시트상세설명
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com