전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

FPXLF0368-20 데이터시트(Datasheet) 3 Page - Fox Electronics

부품명 FPXLF0368-20
상세내용  Plastic Encased SMD Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FOX [Fox Electronics]
홈페이지  http://www.foxonline.com
Logo 

   
 3 page
background image
Due to the long lead times for plastic FPXLF parts?
We, at Fox, thought you might be interested in alternatives
that do not require that you change your circuit board?
Alternative is fully RoHS Compliant / Pb Free – FPXLF uses Exemption 7a
*1*Limited available frequencies between 8MHz and 10MHz
Fox FPXLF on the
Recommended
6.7
Fox Pad Layout
2.0
2.4
3.6
1.6
3.4
1.0
Fox FPXLF on the
7
Recommended Oversized
Competition Pad Layout
3.6
1.0
6.7
2.0
2.4
1.5
2
1.7
1.5
3.4
1.6
Fox Pad Layout
Recommended
FQ5032A on the
The FPXLF layout is one of the earliest conversions from Thru-Hole,
to surface mount. As such, the 2 terminations on the right are not
used for anything in the circuit. The pads are there only to provide
additional mechanical adherence to the circuit board.
The circuit only uses the 2 pads
on the left. The pads on the right
can remain empty and the circuit
will work normally.
Even if you are using one of the competitor recommended layouts, it
is only the 2 pads on the left. If an alternative will fit on the smaller
Fox recommendation, it will fit on the competitor’s layout.
For Frequencies above 8MHz
*1*, there is an alternative, the Fox model FQ5032A.
It is available with 25°C accuracy of ±20ppm, ±25ppm, ±30ppm, ±50ppm, or ±100ppm.
And the same values for stability between -20°C & +70°C.
For -40°C to +85°C, it is available at ±30ppm, ±50ppm, or ±100ppm.
More capable than the model FPXLF – and can be purchased at a lower cost!
And it fits very well on the active 2 pads of the model FPXLF.
For even tighter Tolerance and
Temperature Stability, the model
FX532AS is available.
To fit on the same 2 pads
1.6
2.4
6.7
2.0
3.4
FX532AS on the
Recommended
Fox Pad Layout
2.0
(Call for details)




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl