전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

FPXLF073-20 데이터시트(Datasheet) 2 Page - Fox Electronics

부품명 FPXLF073-20
상세내용  Plastic Encased SMD Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FOX [Fox Electronics]
홈페이지  http://www.foxonline.com
Logo 

   
 2 page
background image
37
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
Plastic Encased SMD Crystal
Rev. 5/5/2014
RoHS Compliant
http://www.foxonline.com/need_a_sample.htm
Model: FPXLF
Page 2 of 2
• TAPE SPECIFICATIONS (millimeters)
MODEL
FPXLF
A
1.5
B
4.0
C
12.0
D
11.5
E
24.0
F
5.5
STD Reel QTY
1,000
• REEL SPECIFICATIONS (millimeters)
G
2.0
H
13
I
21
J
100
K
250
L
25.5
M
2.0
MODEL
FPXLF
• FPXLF Standard Crystals
Frequency
3.579545
3.686400
3.686400
4.000000
4.915200
7.372800
8.000000
8.000000
10.000000
11.059200
12.000000
16.000000
16.000000
20.000000
25.000000
CL
18pF
Series
20pF
20pF
20pF
20pF
Series
20pF
20pF
20pF
20pF
Series
20pF
20pF
20pF
Part Number
FPXLF036S
FPXLF0368S
FPXLF0368-20
FPXLF040
FPXLF049-20
FPXLF073-20
FPXLF080
FPXLF080-20
FPXLF100-20
FPXLF115-20
FPXLF120-20
FPXLF160
FPXLF160-20
FPXLF200-20
FPXLF250F-20
All specifications subject to change without notice.
Tolerance
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
Stability
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
Temp Range
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C
-10 to +70 C




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl