전자부품 데이터시트 검색엔진 |
|
SA105E473ZAR 데이터시트(PDF) 5 Page - AVX Corporation |
|
SA105E473ZAR 데이터시트(HTML) 5 Page - AVX Corporation |
5 / 6 page 41 Axial Leads/SpinGuard® X5R Dielectric = Industry preferred values For other tolerances see Part No. Codes For other voltages see Part No. Codes AVX Style AVX Style SA10 Length 4.32 (L) (.170") Diameter 2.54 (D) (.100") Lead .445 Diameter (.0175") Lead 25.4 Length (1.00") Cap. in Typical AVX WVDC µF Part Nos. 10 1.8 SA10ZD185KAR 2.7 SA10ZD275KAR 3.3 SA10ZD335KAR 4.7 SA10ZD475KAR Dimensions: Millimeters (Inches) SIZE AND CAPACITANCE SPECIFICATIONS SPECIAL LEAD CONFIGURATIONS Dimensions — Body dimensions Per Standard SpinGuard Configurations. Formed dimensions as shown for types D, E, F, G, H, I, & J configurations. Radial Axial D E F G = .300" L.S. I = .500" L.S. Single Crimp Dual Crimp No Crimp H = .400" L.S. J = .600" L.S. Formed Dimensions: LEAD SPACING* SEATED HEIGHT (Max.) Nom. D & E F G, H, I & J SA10 .2" .525" .300" .100" SA20 .2" .570" .375" .100" SA30 .2" .580" .425" .150" SA40 .2" .650" .460" .150" *Lead spacing can be varied by user to cover .1"-.3" spacing requirements for F, D, and E styles. |
유사한 부품 번호 - SA105E473ZAR |
|
유사한 설명 - SA105E473ZAR |