전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STFI40N60M2 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STFI40N60M2
상세설명  N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI40N60M2 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STFI40N60M2 Datasheet HTML 4Page - STMicroelectronics STFI40N60M2 Datasheet HTML 5Page - STMicroelectronics STFI40N60M2 Datasheet HTML 6Page - STMicroelectronics STFI40N60M2 Datasheet HTML 7Page - STMicroelectronics STFI40N60M2 Datasheet HTML 8Page - STMicroelectronics STFI40N60M2 Datasheet HTML 9Page - STMicroelectronics STFI40N60M2 Datasheet HTML 10Page - STMicroelectronics STFI40N60M2 Datasheet HTML 11Page - STMicroelectronics STFI40N60M2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
STB40N60M2, STP40N60M2, STW40N60M2
8/21
DocID024932 Rev 3
Figure 14. Normalized V(BR)DSS vs temperature
Figure 15. Source-drain diode forward vs
temperature
V(BR)DSS
-50
TJ(°C)
(norm)
0
0.9
0.94
0.98
1.02
1.06
ID=1 mA
50
100
1.1
AM15714v1
VSD
0
ISD(A)
(V)
6
0.5
0.6
0.7
0.8
0.9
12
18
1
TJ= -50°C
TJ= 25°C
TJ= 150°C
24
30
GIPD240920132025FSR


유사한 부품 번호 - STFI40N60M2

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STFI40N60M2 STMICROELECTRONICS-STFI40N60M2 Datasheet
886Kb / 18P
   N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
September 2016
More results

유사한 설명 - STFI40N60M2

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
STP13N60M2 STMICROELECTRONICS-STP13N60M2 Datasheet
1Mb / 18P
   N-channel 600 V, 0.35 廓 typ., 11 A MDmesh II Plus??low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
STB24N60DM2 STMICROELECTRONICS-STB24N60DM2 Datasheet
1Mb / 21P
   N-channel 600 V, 0.175 (ohm) typ., 18 A FDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
March 2014 Rev 3
STP24N60M2 STMICROELECTRONICS-STP24N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.168 廓 typ., 18 A MDmesh II Plus??low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
   N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STF9N60M2 STMICROELECTRONICS-STF9N60M2 Datasheet
884Kb / 15P
   N-channel 600 V, 0.72 ??typ., 5.5 A MDmesh II Plus??low Qg Power MOSFETs in TO-220FP and I2PAKFP packages
March 2014 Rev 2
STF28N60M2 STMICROELECTRONICS-STF28N60M2 Datasheet
827Kb / 15P
   N-channel 600 V, 0.135 typ., 22 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAKFP packages
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
   N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
DS9714 - Rev 4 - November 2018
STB42N60M2-EP STMICROELECTRONICS-STB42N60M2-EP Datasheet
393Kb / 20P
   N-channel 600 V, 0.076 廓 typ., 34 A MDmesh??M2 EP Power MOSFETs in D짼PAK, TO-220 and TO-247 packages
January 2015 Rev 1
STF34N65M5 STMICROELECTRONICS-STF34N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
October 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com